Electronic Components Datasheet Search
  English  ▼

X  

ATC111 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATC111
Description  ATC Millimeter Wavelength Single Layer Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATC111 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATC111 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
American Technical Ceramics • One Norden Lane, Huntington Station, N.Y. 11746-2142
phone: 631-622-4700 • fax: 631-622-4748 • e-mail: sales@atceramics.com • http://www.atceramics.com
4
ATC Single Layer Millimeter Wavelength Microcaps®: 111 & 116 Series
Design Your Own Single Layer Capacitor
ATC PART NUMBER CODE
111 S
CA 0R5 B 100 T T
Series:
111 Beveled edges
116 Perpendicular edges
Case Size: See Mechanical
Configurations; page 5.
Dielectric Style:
Max. 2 characters, see Specification
Chart; page 3.
WVDC (in Volts): 3 significant digits,
100 Volts is standard.
Capacitance Code: 2 significant digits,
R = Decimal point; Number of zeros following
significant digits. See pages 6 and 7 for
capacitance values.
Capacitance Tolerance
Code
B (pF)
C (pF)
D (pF) F (%) G (%) J (%) K (%) M (%)
Tol.
±0.1
A (pF)
±0.05
±0.25
±0.5
±1
±2%
±5
±10
±20%
Termination Suffix
Code
TT
(Standard)
AP
Description
Thin Film:
Titanium Tungsten / Nickel /Gold
100 µ in. min. Gold
Thick Film: Platinum Gold
300 µ in. min.
Use the Standard Capacitance Value chart on pages 6 and 7 to select a code which is within the capacity range given for a
specific case size/dielectric combination.
Select a capacitance tolerance from the available tolerances listed in the Selection Chart.
The above part number describes a 100 volt, T T termination (thin film), 111 series (beveled edge) capacitor, case size S (0.018"
square nominal), CA dielectric (0 ±30 ppm/°C). This size/dielectric combination has a capacitance range of 0.4 to 0.9 pF and
available tolerances of B, C or D. 0R5 defines a capacitance value of 0.5 pF. B tolerance (±0.1 pF) was selected.
ATC gives you the ability to create custom values and dimensions. When circuit board area is tight or you need to match your
stripline width, you can optimize the size and shape of required SLCs. This same technique can be used to build special values
that fall outside of the standard offerings.
Dielectric Constant (K)
Design Guidelines
A
14
CC
130
EC
650
AX
23
DA
165
J
1100
BA
36
DB
200
F
2000
BB
31
HC
350
G
4500
CA
62
EA
650
K
9000
C = Capacitance (pF)
C = (.225 K x L x W) / (1000 T)
L = Length
10 to 100 mils, may not exceed 20 x T or 2.5 x W
W = Width
10 to 100 mils, may not exceed 20 x T
T = Thickness
4 to 12 mils, less than or equal to L/2 or W/2
ATC
SLC
L = Length
10 to 100 mils
T = Thickness
4 to 12 mils
W = Width
10 to 100 mils
Custom Values and Sizes
Optimize the best combination of length, width, thickness and dielectric material for your circuit/stripline capacitor requirements.
ATC accepts orders for our parts using designations with or without the “ATC” prefix. Both methods of defining the part number are equivalent, i.e., part
numbers referenced with the “ATC” prefix are interchangeable to parts referenced without the “ATC” prefix. Customers are free to use either in specifying or
procuring parts from American Technical Ceramics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com