Electronic Components Datasheet Search
  English  ▼

X  

ATC111 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATC111
Description  ATC Millimeter Wavelength Single Layer Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATC111 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATC111 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
one norden lane, huntington station, n.y. 11746-2142 usa
phone: 631-622-4700 • fax: 631-622-4748 • e-mail: sales@atceramics.com
http://www.atceramics.com
ATC Millimeter Wavelength
Single Layer Capacitors
• Ultra-High Qs
• Low Cost
• DC to 50 GHz
• Broadband Applications
• .06 pF to 4700 pF
• Not Static Sensitive
• Capacitor Arrays
• High Reliability Testing
• Custom sizes, values, shapes,
tolerances and higher voltages
ATC # 001-857 Rev. D; 4/00
Let ATC assist in designing your custom component.
CALL 631-622-4700.
Microcaps® are carried in selected values through our
QUIK-PICK 48 HOUR SHIPMENT SYSTEM
®.
ATC 111 SERIES MICROCAP® capacitors have beveled edges to minimize
the potential for crack propagation due to mechanical or thermal shock by
eliminating abrupt metal-to-ceramic interfaces. Longer arc-over paths help
reduce shorting during epoxy die attachment.
ATC 116 SERIES MICROCAP® capacitors have a conventional straight-sided
design which allows the user the ability to match stripline widths or design a
custom capacitor for limited circuit dimensions.
ATC 112 SERIES BI-TRIM® capacitors are Binary capacitors in 1:2:2:4 or
1:2:4:8 configurations. This arrangement permits adjustment (trimming) of the
capacity value to a desired value by connecting sections in parallel. This is a
highly stable variable capacitor with none of the drawbacks of mechanically
variable capacitors such as contact resistance, shock and vibration sensitivity.
ATC 113 SERIES TWIN/CAP ® capacitors are two capacitors on one
substrate that are useful in microstrip lines to minimize lead inductance in
coupling applications for frequencies as high as 50 GHz. The coupling without
appreciable inductance is achieved by utilizing the two capacitors in series. The
unique configuration, low-profile and low inductance TWIN/CAPS® provide low
insertion loss and extremely high resonant frequencies.


Similar Part No. - ATC111

ManufacturerPart #DatasheetDescription
logo
ABB
ATC100 ABB-ATC100 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
List of Unclassifed Man...
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
Ultra-Stable Performance
logo
RF Micro Devices
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
923Kb / 11P
280W GaN WIDEBAND PULSED POWER
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
logo
NXP Semiconductors
ATC100A0R5BT500XT NXP-ATC100A0R5BT500XT Datasheet
1Mb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
More results

Similar Description - ATC111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196DLC VISHAY-196DLC Datasheet
70Kb / 6P
Double Layer Capacitors
17-Oct-03
logo
List of Unclassifed Man...
ATC500S ETC-ATC500S Datasheet
554Kb / 8P
Broadband Microwave Millimeter-wave 0603 NPO SMT Capacitors
logo
Vishay Siliconix
196DLC VISHAY-196DLC_08 Datasheet
107Kb / 7P
Double Layer Capacitors
15-Apr-08
logo
AVX Corporation
VC32M01750K AVX-VC32M01750K Datasheet
183Kb / 2P
Single Layer Varistors
VC32M02750 AVX-VC32M02750 Datasheet
183Kb / 2P
Single Layer Varistors
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
ATC Blade Fuses
logo
Alpha & Omega Semicondu...
TO247 AOSMD-TO247 Datasheet
50Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER.
logo
Turck, Inc.
CMBS8151-0 TURCK-CMBS8151-0 Datasheet
71Kb / 1P
MILLIMETER [ INCH ]
logo
Mini-Circuits
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com