Electronic Components Datasheet Search
  English  ▼

X  

ATC111 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATC111
Description  ATC Millimeter Wavelength Single Layer Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATC111 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ATC111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
American Technical Ceramics • One Norden Lane, Huntington Station, N.Y. 11746-2142
phone: 631-622-4700 • fax: 631-622-4748 • e-mail: sales@atceramics.com • http://www.atceramics.com
7
ATC 111 & 116 Series Microcaps®: Capacitance Selection Chart
Dielectric
Code
Case Size
L x W
Case Size
L x W
Case Size
L x W
EA
33
82
K, M
A
0.7
1.8
B, C, D
1.3
3.6
B, C, D
2.2
5.6
B, C, D
AX
1.1
3.0
B, C, D
2.2
5.6
B, C, D
3.6
10
B, C, D
BA
1.8
4.3
B, C, D
3.6
7.5
7.5
9.1
B, C, D
C, D
5.6
9.1
9.1
15
B, C, D
F, G, J, K, M
BB
1.5
3.9
B, C, D
3.0
6.8
B, C, D
5.6
9.1
9.1
12.0
B, C, D
F, G, J, K, M
CA
3.3
7.5
C, D
6.8
10
10
15
C, D
G, J, K, M
10
27
F, G, J, K, M
CC
6.8
9.1
9.1
15
C, D
G, J, K, M
15
33
G, J, K, M
22
56
F, G, J, K,
M
DA
8.2
10
10
22
D, J, K, M
J, K, M
18
39
G, J, K, M
27
68
G, J, K, M
DB
10
22
J, K, M
22
47
G, J, K, M
33
82
G, J, K, M
HC
18
39
J, K, M
33
82
J, K, M
56
150
J, K, M
56
150
J, K, M
100
270
J, K, M
EC
33
82
K, M
56
150
J, K, M
100
270
J, K, M
J
68
150
K, M
120
270
K, M
180
470
K, M
F
100
270
K, M
220
470
K, M
330
820
M
G
220
560
M
470
1000
M
820
2200
M
K
470
1200
M
1000
2200
M
1500
4700
M
CAP.
CAP.
CAP.
CAP.
CAP.
CAP.
CAP.
CAP.
CAP.
CAP.
CAP.
CAP.
CODE
(pF)
CODE
(pF)
CODE
(pF)
CODE
(pF)
CODE
(pF)
CODE
(pF)
100
10
330
33
101
100
331
330
102
1000
332
3300
120
12
390
39
121
120
391
390
122
1200
392
3900
150
15
470
47
151
150
471
470
152
1500
472
4700
180
18
560
56
181
180
561
560
182
1800
220
22
680
68
221
220
681
680
222
2200
270
27
820
82
271
270
821
820
272
2700
Standard Capacity Values
Min. (pF) Max. (pF)
Tol.
X
.050 x .050
(1.27 x 1.27)
Min. (pF) Max. (pF)
Tol.
Y
.070 x .070
(1.78 x 1.78)
Min. (pF) Max. (pF)
Tol.
Z
.090 x .090
(2.29 x 2.29)
Inches (mm)
Special values, sizes and tolerances available upon request. Consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com