Electronic Components Datasheet Search
  English  ▼

X  

NSH Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # NSH
Description  NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

NSH Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  NSH Datasheet HTML 1Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 2Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 3Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
1.0 mm pitch/Disconnectable Crimp style connectors
NSHCONNECTOR
NSH CONNECTOR
NSH CONNECTOR
NSH CONNECTOR
*5.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
3,000
3,000
2,500
2,000
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
*2.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
No. of
circuits
Model No.
Dimensions (mm)
Q'ty/
bag
A
B
Material and Finish
PBT, UL94V-0, natural
2
3
4
5
6
7
8
9
10
11
12
13
14
15
NSHR-02V-S
NSHR-03V-S
NSHR-04V-S
NSHR-05V-S
NSHR-06V-S
NSHR-07V-S
NSHR-08V-S
NSHR-09V-S
NSHR-10V-S
NSHR-11V-S
NSHR-12V-S
NSHR-13V-S
NSHR-14V-S
NSHR-15V-S
A
B
A
B
4.2
Circuit No.1 mark
4.2
Circuit No.1 mark
A
B
4.2
Circuit No.1 mark
1
1
A
B
4.2
Circuit No.1 mark
1
<2 circuits>
<3 circuits>
<4 to 9 circuits>
<10 to 15 circuits>
Housing
RoHS2 compliance
Note: 2 circuits product is that the second pin of 3 circuits product is
plugged up. (Between circuits 2.0mm pitch)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com