Electronic Components Datasheet Search
  English  ▼

X  

NSH Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # NSH
Description  NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

NSH Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  NSH Datasheet HTML 1Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 2Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 3Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.0 mm pitch/Disconnectable Crimp style connectors
NSHCONNECTOR
NSH CONNECTOR
NSH CONNECTOR
NSH CONNECTOR
Model number allocation
Form: S…Strip form
Series name
Applicable wire range: 003…AWG #32 to #28
Surface finish: T…Tin-plated (reflow treatment)
Material: P…Phosphor bronze
Terminal size
SHL
S
-
T - 0.2
003
P
Series name
Part name: Socket
No. of circuits: 2 to 15
Flammability: V…UL94V-0
Color: S…Natural, Z…Ivory, TR…Tomato red, E…Blue,
MG…Moss green, DH…Dark gray, LE…Light blue,
K…Black, DPK…Dark pink
R
NSH -
-
02 V S
Contact
Header
Shape of assembled product:
BM…SMT Top entry type
SM…SMT Side entry type
No. of circuits: 2 to 15
Part name: Header
Series name
Color: S…Natural, Z…Ivory, TR…Tomato red, E…Blue,
MG…Moss green, DH…Dark gray, LE…Light blue,
K…Black, DPK…Dark pink
Indication of clinch: S…Straight pin
Packaging style: TB…Embossed-taping
Suction tape: None…Without suction tape, T…With suction tape
Model number "BM" (Top entry type) has suction tape, and “T” is given to the end of model number.
Model number "SM" (Side entry type) has no suction tape, and “T” is not given to the end of model number.
02 B
BM
-
-
NSH S S TB T
Housing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com