Electronic Components Datasheet Search
  English  ▼

X  

NSH Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # NSH
Description  NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

NSH Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  NSH Datasheet HTML 1Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 2Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 3Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
1.0 mm pitch/Disconnectable Crimp style connectors
NSHCONNECTOR
NSH CONNECTOR
NSH CONNECTOR
NSH CONNECTOR
*5.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
*2.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
No. of
circuits
Material and Finish
2
3
4
5
6
7
8
9
10
11
12
13
14
15
BM02B-NSHSS-TBT
BM03B-NSHSS-TBT
BM04B-NSHSS-TBT
BM05B-NSHSS-TBT
BM06B-NSHSS-TBT
BM07B-NSHSS-TBT
BM08B-NSHSS-TBT
BM09B-NSHSS-TBT
BM10B-NSHSS-TBT
BM11B-NSHSS-TBT
BM12B-NSHSS-TBT
BM13B-NSHSS-TBT
BM14B-NSHSS-TBT
BM15B-NSHSS-TBT
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Polyamide, UL94V-0, natural
Reinforcement: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
*5.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
*2.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
No. of
circuits
Model No.
Dimensions (mm)
A
B
Material and Finish
2
3
4
5
6
7
8
9
10
11
12
13
14
15
SM02B-NSHSS-TB
SM03B-NSHSS-TB
SM04B-NSHSS-TB
SM05B-NSHSS-TB
SM06B-NSHSS-TB
SM07B-NSHSS-TB
SM08B-NSHSS-TB
SM09B-NSHSS-TB
SM10B-NSHSS-TB
SM11B-NSHSS-TB
SM12B-NSHSS-TB
SM13B-NSHSS-TB
SM14B-NSHSS-TB
SM15B-NSHSS-TB
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Polyamide, UL94V-0, natural
Reinforcement: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Q'ty/
reel
Q'ty/
reel
B
A
Model No.
Dimensions (mm)
4.4
B
A
B
A
1
Circuit No.1 mark
Circuit No.1 mark
0.55
4.4
0.55
4.4
B
A
Circuit No.1 mark
0.55
1
B
A
1
Circuit No.1 mark
4.4
0.55
4.4
4.4
B
A
B
A
1
4.4
B
A
1
Circuit No.1 mark
Circuit No.1 mark
Circuit No.1 mark
4.4
B
A
1
Circuit No.1 mark
RoHS2 compliance This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed-tape/without
suction tape.
2. 2 circuits product is that the second pin of 3 circuits product is
plugged up. (Between circuits 2.0 mm pitch)
*5.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
*2.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
No. of
circuits
Material and Finish
2
3
4
5
6
7
8
9
10
11
12
13
14
15
BM02B-NSHSS-TBT
BM03B-NSHSS-TBT
BM04B-NSHSS-TBT
BM05B-NSHSS-TBT
BM06B-NSHSS-TBT
BM07B-NSHSS-TBT
BM08B-NSHSS-TBT
BM09B-NSHSS-TBT
BM10B-NSHSS-TBT
BM11B-NSHSS-TBT
BM12B-NSHSS-TBT
BM13B-NSHSS-TBT
BM14B-NSHSS-TBT
BM15B-NSHSS-TBT
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Polyamide, UL94V-0, natural
Reinforcement: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
*5.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
*2.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
No. of
circuits
Model No.
Dimensions (mm)
A
B
Material and Finish
2
3
4
5
6
7
8
9
10
11
12
13
14
15
SM02B-NSHSS-TB
SM03B-NSHSS-TB
SM04B-NSHSS-TB
SM05B-NSHSS-TB
SM06B-NSHSS-TB
SM07B-NSHSS-TB
SM08B-NSHSS-TB
SM09B-NSHSS-TB
SM10B-NSHSS-TB
SM11B-NSHSS-TB
SM12B-NSHSS-TB
SM13B-NSHSS-TB
SM14B-NSHSS-TB
SM15B-NSHSS-TB
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Polyamide, UL94V-0, natural
Reinforcement: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Q'ty/
reel
Q'ty/
reel
B
A
Model No.
Dimensions (mm)
RoHS2 compliance This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed-tape/with
suction tape.
2. 2 circuits product is that the second pin of 3 circuits product is
plugged up. (Between circuits 2.0 mm pitch)
<2 circuits>
<3 circuits>
<3 circuits>
<4 to 9 circuits>
<10 to 15 circuits>
<2 circuits>
<4 to 9 circuits>
<10 to 15 circuits>
Top entry type
Side entry type
Header
Top entry type
Side entry type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com