Electronic Components Datasheet Search
  English  ▼

X  

NSH Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # NSH
Description  NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

NSH Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  NSH Datasheet HTML 1Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 2Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 3Page - JST Mfg. Co., Ltd. NSH Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.0 mm pitch/Disconnectable Crimp style connectors
NSHCONNECTOR
NSH CONNECTOR
NSH CONNECTOR
NSH CONNECTOR
2
0.5
0.8
4.75
2.35
0.8
0.4
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
Model No.
Applicable wire
Q’ty/
reel
mm2
AWG#
Insulation O.D.
(mm)
SSHL- 003T- P0.2
0.032 to 0.08
32 to 28
0.4 to 0.8
41,000
SSHL-003T-P0.2
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MKS-L-10-3
MK/SSH/L-003-02 APLMK SSH/L003-02
Crimp applicator
Dies
Applicator
1
1.0 mm pitch secure lock type connector.
This low insertion force type connector
realizes easier mating operation. The basic
concept of the contact part of this connector
is equivalent to the performance proven
SHL connector.
1.0 mm pitch/Disconnectable Crimp style connectors
NSHCONNECTOR
NSH CONNECTOR
NSH CONNECTOR
NSH CONNECTOR
RoHS2 compliance
● Secure locking structure
● Contact lock structure
● Prevention of contact deformation
● Clear engagement click sounds
Specifications
• Current rating: 1.0 A AC/DC (AWG #28)
• Voltage rating: 50 V AC/DC
• Temperature range: -25℃ to +85℃
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 30 mΩ max.
After environmental tests/ 50 mΩ max.
• Insulation resistance: 100 MΩ min.
• Withstanding voltage: 500 VAC/minute
• Applicable wire: Conductor size/ AWG #32 to #28
Insulation O.D./ 0.4 to 0.8 mm
* In using the products, refer to "Handling Precautions for Terminals
and Connectors" described on our website (Technical documents
of Product information page).
* RoHS2 compliance
* Dimensional unit: mm
* Contact JST for details.
Standards
Recognized E60389
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative: ± 0.05 mm for all centers.
3. The dimensions above should serve as a guideline. Contact JST for details.
0.55
(4.4)
A
1
0.6
1
±0.05
±0.05
0.6±0.05
±0.1
±0.1
Connector outline
Circuit No.1
A
1
0.6
1
0.6
±0.05
±0.05
±0.05
±0.1
±0.1
0.8
(7.65)
Connector outline
Circuit No.1
Top entry type
Side entry type
Contact
PC board layout and Assembly layout
®
®
®
®
®
Note: Contact JST for fully automatic crimping applicator.


Similar Part No. - NSH

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NSH03A03L NDK-NSH03A03L Datasheet
151Kb / 1P
Maximum Ratings
logo
Kyocera Kinseki Corpota...
NSH03A03L KSS-NSH03A03L Datasheet
1Mb / 7P
Schottky Barrier Diode
logo
National Instruments Co...
NSH03A03L NI-NSH03A03L_15 Datasheet
151Kb / 1P
SBD
logo
NIHON DEMPA KOGYO
NSH03A04 NDK-NSH03A04 Datasheet
149Kb / 1P
Maximum Ratings
logo
Kyocera Kinseki Corpota...
NSH03A04 KSS-NSH03A04 Datasheet
1Mb / 7P
Schottky Barrier Diode
More results

Similar Description - NSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SHLV JST-SHLV Datasheet
159Kb / 2P
1.0 mm pitch/Disconnectable Crimp style connectors
SSHL-002T-P0.2 JST-SSHL-002T-P0.2 Datasheet
842Kb / 5P
1.25 mm pitch/Disconnectable Crimp style connectors
ZHCONNECTOR JST-ZHCONNECTOR Datasheet
1,016Kb / 4P
1.5 mm pitch/Disconnectable Crimp style connectors
2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com