Electronic Components Datasheet Search
  English  ▼

X  

JFA Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # JFA
Description  JFA CONNECTOR JFA CONNECTOR/J1000 SERIES J1000 SERIES/J1100 J1000 SERIES/J1800 2.2 mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JFA Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  JFA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 4Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 5Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 6Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 7Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 8Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
JFACONNECTOR J1000 SERIES
JFA CONNECTOR/J1000 SERIES
JFA CONNECTOR/J1000 SERIES
J1000 SERIES/J1100
J1000 SERIES/J1100
J1000 SERIES/J1800
J1000 SERIES/J1800
JFA CONNECTOR/J1000 SERIES
2.2mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
J1100
Single-row
type
No. of circuits
Center
locking
type
3
3
3
Type
Wire-to-board
Top entry type
Side entry type
Free hanging type
2.2 mm pitch , Voltage rating 125 V AC/DC
Wire-to-wire
J1800
Single-row
type
8
8
Type
Top entry type
Side entry type
2.2 mm pitch , Voltage rating 250 V AC/DC
Wire-to-board
J1100
Dual-row
type
No. of circuits
No. of circuits
6, 8, 12, 20, 22, 26, 30
6, 8, 12, 20, 30
6, 8, 12, 20, 26
Side locking
type
(Thin type)
J1000 series products line-up



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com