Electronic Components Datasheet Search
  English  ▼

X  

JFA Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # JFA
Description  JFA CONNECTOR JFA CONNECTOR/J1000 SERIES J1000 SERIES/J1100 J1000 SERIES/J1800 2.2 mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JFA Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  JFA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 4Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 5Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 6Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 7Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 8Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
JFACONNECTOR J1000 SERIES
JFA CONNECTOR/J1000 SERIES
JFA CONNECTOR/J1000 SERIES
J1000 SERIES/J1100
J1000 SERIES/J1100
J1000 SERIES/J1800
J1000 SERIES/J1800
JFA CONNECTOR/J1000 SERIES
2.2mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
L
J 1
Wire range mark
Series name
(20.9)
(10.8)
(4.3)
(2)
Material and Finish
Copper alloy, nickel-undercoated, selective gold-plated
Tin-plated
mm2
Size
Series
Strip contact
Model No.
AWG #
Insulation
O.D. (mm)
Applicable wire
Q'ty/
reel
SF1F-002GC-P0.6
SF1F-002T-P0.6
SF1F-01GC-P0.6
SF1F-21GC-P0.6
SF1F-21T-P0.6
0.08~0.2
0.2~0.5
0.3~0.8
M
ME
28~24
24~20
22~18
0.88~1.43
1.30~1.90
1.50~2.10
6,000
5,500
5,000
Gold (0.2µm)
Tin
Gold (0.2µm)
Gold (0.2µm)
Tin
L
Material and Finish
Copper alloy, nickel-undercoated, selective gold-plated
Tin-plated
mm2
Size
Series
Strip contact
Model No.
AWG #
Insulation
O.D. (mm)
Applicable wire
Q'ty/
reel
SF1M-002GC-M0.6A
SF1M-002T-M0.6A
SF1M-01GC-M0.6A
SF1M-21GC-M0.6A
SF1M-21T-M0.6A
0.08~0.2
0.2~0.5
0.3~0.8
M
ME
L
28~24
24~20
22~18
0.88~1.43
1.30~1.90
1.50~2.10
6,000
5,500
5,000
Gold (0.2µm)
Tin
Gold (0.2µm)
Gold (0.2µm)
Tin
Gold-plated
Tin-plated
Wire range mark
Wire range mark
Series name
Series name
Ⅱ
L
J 1
(4.3)
12.8
(7)
(2)
Ⅱ
L
J 1
12.8
(4.3)
(7)
(2)
Crimping
machine
Applicator
Hand tool
YRK-1220
YRK-1230
Dies Crimp applicator
with dies
Crimp
applicator
APLMK SF1F/
M002-06
APLMK SF1F/
M01-06
MK/SF1F/
M-002-06
MK/SF1F/
M-01-06
MKS-L
MKS-L
AP-K2N
AP-K2N
SF1F-002(*) -P0.6
SF1M-002(*) -M0.6A
SF1F-01GC -P0.6
SF1M-01GC -M0.6A
Strip contact
Model No.
Crimping
machine
Applicator
Hand tool
YRK-1210
Dies Crimp applicator
with dies
Crimp
applicator
APLMK SF1F/
M21-06
MK/SF1F/
M-21-06
MKS-L
AP-K2N
SF1F-21(*) -P0.6
SF1M-21(*) -M0.6A
Strip contact
Model No.
Receptacle contact
RoHS2 compliance
Note: 1. Contact JST for 0.76 µm gold-plated product.
2. Please note that the above general specifications may differ from the safety
standards.
Tab contact
RoHS2 compliance
Note: 1. Contact JST for 0.76 µm gold-plated product.
2. Please note that the above general specifications may differ from the safety
standards.
Crimping machine, Applicator
Plating of the contact
Common marking on the contact and its application tools
Indication of the plating
Indication of the plating
Receptacle contact
Tab contact
Receptacle contact
Tab contact
Each contact has a marking on its side so that the
type or thickness of the plating is recognized.
ex. 1 ... gold-plated 0.2 µm thickness
3 ... gold-plated 0.76 µm thickness
5 ... tin-plated
In order to avoid incorrect combination of the hand crimp tools or
extraction tools and the contacts, the series name (for example J1 )
and wire range mark (M, ME, L) are shown on both the tools and the
contacts.
For example J1 M..... AWG #28 ~ #24
ME.... AWG #24 ~ #20
L..... AWG #22 ~ #18
Series name
Wire range mark
Series name
Wire range mark
Recognition mark
Note: Finish (*): GC...Nickel-undercoated, 0.2 µm selective gold-platted
T...Tin-plated
・ Extraction tool for J1100 series: EJ-JFAJ1100/EJ-JFAJ1100N
・ Extraction tool for J1800 series: EJ-JFAJ18
・ Refer to crimping tools for details of YRK series
hand crimping tools that uses a strip contact.
Note: Contact JST for fully automatic crimping applicator.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com