Electronic Components Datasheet Search
  English  ▼

X  

JFA Datasheet(PDF) 7 Page - JST Mfg. Co., Ltd.

Part # JFA
Description  JFA CONNECTOR JFA CONNECTOR/J1000 SERIES J1000 SERIES/J1100 J1000 SERIES/J1800 2.2 mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JFA Datasheet(HTML) 7 Page - JST Mfg. Co., Ltd.

  JFA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 4Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 5Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 6Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 7Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 8Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Keying No.
Line No.
Connector outline
Connector outline
Series name
Circuit No.
PC board layout (6-circuit)
(Connector mounting side)
PC board layout (Other than 6-circuit)
(Connector mounting side)
A±0.05
(2.4)
A±0.05
(2.4)
(B)
2±0.05
(B)
2.2±0.05
2±0.05
C±0.05
3.2
3.6
19.5
2.2
A
B
C
2.2±0.05
φ1±0.05
φ1±0.05
<Dual-row type>
Post: Copper alloy, gold-plated, tin-plated
Housing: Glass-filled PBT, UL94V-0, black
Reinforcement: Copper alloy, tin-plated
Material and Finish
B
6
8
12
20
22
26
30
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
B06B-J11DK-GWXR
B06B-J11DK-GWYR
B06B-J11DK-TXR
B06B-J11DK-TYR
B08B-J11DK-GWXR
B08B-J11DK-GWYR
B08B-J11DK-TXR
B08B-J11DK-TYR
B12B-J11DK-GWXR
B12B-J11DK-GWYR
B12B-J11DK-TXR
B12B-J11DK-TYR
B20B-J11DK-GWXR
B20B-J11DK-GWYR
B20B-J11DK-TXR
B20B-J11DK-TYR
*B22B-J11DK-GWXR
*B22B-J11DK-GWYR
*B26B-J11DK-GWXR
*B26B-J11DK-GWYR
*B30B-J11DK-GWXR
*B30B-J11DK-GWYR
4.4
4.4
6.6
6.6
11.0
11.0
19.8
19.8
22.0
26.4
30.8
9.2
9.2
11.4
11.4
15.8
15.8
24.6
24.6
26.8
31.2
35.6
C
̶
̶
4.4
4.4
8.8
8.8
17.6
17.6
19.8
24.2
28.6
500
500
400
400
280
280
180
180
160
140
120
A
No. of
circuits Plating Keying
Model No.
Q’ty/
box
Dimensions (mm)
Gold
(0.2 µm)
Tin
Gold
(0.2 µm)
Tin
Gold
(0.2 µm)
Tin
Gold
(0.2 µm)
Tin
Gold
(0.2 µm)
Gold
(0.2 µm)
Gold
(0.2 µm)
Post: Copper alloy, gold-plated, tin-plated
Housing: Glass-filled PBT, UL94V-0, black
Reinforcement: Copper alloy, tin-plated
Material and Finish
B
6
8
12
20
30
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
S06B-J11DK-GWXR
S06B-J11DK-GWYR
S06B-J11DK-TXR
S06B-J11DK-TYR
S08B-J11DK-GWXR
S08B-J11DK-GWYR
S08B-J11DK-TXR
S08B-J11DK-TYR
S12B-J11DK-GWXR
S12B-J11DK-GWYR
S12B-J11DK-TXR
S12B-J11DK-TYR
S20B-J11DK-GWXR
S20B-J11DK-GWYR
S20B-J11DK-TXR
S20B-J11DK-TYR
*S30B-J11DK-GWXR
―
4.4
4.4
6.6
6.6
11.0
11.0
19.8
19.8
30.8
9.2
9.2
11.4
11.4
15.8
15.8
24.6
24.6
35.6
̶
C
̶
̶
̶
̶
8.8
8.8
17.6
17.6
28.6
̶
375
375
300
300
225
225
135
135
90
̶
A
No. of
circuits Plating Keying
Model No.
Q’ty/
box
Dimensions (mm)
Gold
(0.2 µm)
Tin
Gold
(0.2 µm)
Tin
Gold
(0.2 µm)
Tin
Gold
(0.2 µm)
Tin
Gold
(0.2 µm)
̶
A±0.05
(2.4)
A±0.05
(2.4)
φ1±0.05
(B)
2.2±0.05
2±0.05
(B)
2.2±0.05
2±0.05
C±0.05
(0.6)
2.2
8
21.2
C
2.2
A
B
A
B
φ1±0.05
Keying No.
Line No.
Series name
Circuit No.
PC board layout (Other than 6- & 8-circuit)
(Connector mounting side)
PC board layout (6- & 8-circuit)
(Connector mounting side)
Connector outline
Connector outline
<Dual-row type>
Header Top entry type
Header Side entry type
RoHS2 compliance
Note: 1. Gold-plated product displays (LF) on a label.
2. Contact JST for 0.76 µm gold-plated product.
3. * Marked products are unlisted in UL.
RoHS2 compliance
Note: 1. Gold-plated product displays (LF) on a label.
2. Contact JST for 0.76 µm gold-plated product.
3. * Marked product is unlisted in UL.
JFACONNECTOR J1000 SERIES
JFA CONNECTOR/J1000 SERIES
JFA CONNECTOR/J1000 SERIES
J1000 SERIES/J1100
J1000 SERIES/J1100
J1000 SERIES/J1800
J1000 SERIES/J1800
JFA CONNECTOR/J1000 SERIES
2.2mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com