Electronic Components Datasheet Search
  English  ▼

X  

JFA Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # JFA
Description  JFA CONNECTOR JFA CONNECTOR/J1000 SERIES J1000 SERIES/J1100 J1000 SERIES/J1800 2.2 mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JFA Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  JFA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 4Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 5Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 6Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 7Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 8Page - JST Mfg. Co., Ltd. JFA Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
JFACONNECTOR J1000 SERIES
JFA CONNECTOR/J1000 SERIES
JFA CONNECTOR/J1000 SERIES
J1000 SERIES/J1100
J1000 SERIES/J1100
J1000 SERIES/J1800
J1000 SERIES/J1800
JFA CONNECTOR/J1000 SERIES
2.2mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
Top entry type
Side entry type
Free hanging type
J1100
Dual-row type
(33.2)
(10.6)
(22.9)
(33.2)
(14.5)
(25.1)
A
A
X
A
X
A
B
A
A
X
B
A
B
A
X
B
J1100
Single-row type
Type
Wire-to-board
Wire-to-wire
Assembly layout



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com