Electronic Components Datasheet Search
  English  ▼

X  

GL3523 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # GL3523
Description  USB 3.1 Gen 1 Hub Controller Datasheet Revision 1.70 Mar. 02, 2017 Genesys Logic, Inc.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL3523 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button GL3523 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 39Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 40Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 41Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 42Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
GL3523 Datasheet
© 2017 Genesys Logic, Inc. - All rights reserved.
Page 39
GLI Confidential
6.4 Power Consumption
GL3523 integrates 5V-to-3.3V and 5V-to-1.2V regulators. If supplying 5V power, internal regulators convert
5V to 3.3V and 1.2 V, and power consumed in 5V domain in the following table already includes 1.2V and
3.V power consumption and conversion loss. In other words, if using 5V as input power, 1.2V and 3.3V
power can be ignored; if using external 1.2V and 3.3V power as input sources, the total power consumption
will be the sum of 1.2V and 3.3V.
Number of
Active USB 3.1
Ports
Using 5V power input
Using 1.2V and 3.3V power input
Unit
5V
1.2V
3.3V
Config.
Read/
Write
Config.
Read/
Write
Config.
Read/
Write
Reset (standby)
6
1.9
2
mW
Suspend
12.5
5
3.3
mW
0
140
-
16
-
79
-
mW
1
442
444
285
286
80
80
mW
2
563
564
389
391
80
80
mW
3
688
691
494
496
80
80
mW
4
821
825
599
600
80
80
mW
Number of
Active USB 2.0
Ports
Using 5V power input
Using 1.2V and 3.3V power input
Unit
5V
1.2V
3.3V
Config.
Read/
Write
Config.
Read/
Write
Config.
Read/
Write
Reset
6
1.9
2
mW
Suspend
12.5
5
3.3
mW
0
140
-
16
-
79
-
mW
1
171
212
16
16
98
125
mW
2
201
273
16
16
117
164
mW
3
231
310
16
16
138
188
mW
4
261
342
16
16
158
210
mW
Note:
Test result represents silicon level operating current without considering additional power
consumption contributed by external over-current protection circuit. The power consumption could
be different depending on configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com