Electronic Components Datasheet Search
  English  ▼

X  

GL3523 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GL3523
Description  USB 3.1 Gen 1 Hub Controller Datasheet Revision 1.70 Mar. 02, 2017 Genesys Logic, Inc.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL3523 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GL3523 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
GL3523 Datasheet
© 2017 Genesys Logic, Inc. - All rights reserved.
Page 8
GLI Confidential
CHAPTER 1
GENERAL DESCRIPTION
Genesys GL3523 is a 4-port, low-power, and configurable hub controller. It is compliant with the USB 3.1
specification. GL3523 integrates Genesys Logic self-developed USB 3.1 Gen 1 Super Speed transmitter/receiver
physical layer (PHY) and USB 2.0 High-Speed PHY. It supports Super Speed, Hi-Speed, and Full-Speed USB
connections and is fully backward compatible to all USB 2.0 and USB 1.1 hosts. GL3523 also implements
multiple TT* (Note1) architecture providing dedicated TT* to each downstream (DS) port, which guarantees
Full-Speed(FS) data passing bandwidth when multiple FS devices perform heavy loading operations.
Furthermore, GL3523 has built-in 5V to 3.3V and 5V to 1.2V regulators, which saves customers’ BOM cost, and
eases for PCB design.
GL3523 features the native fast-charging and complies with USB-IF battery charging specification rev1.2, it
could fast-charge Apple, Samsung Galaxy devices, and any device complaint with BC1.2/1.1. It also allows
portable devices to draw up to 1.5A from GL3523 charging downstream ports (CDP
1) or dedicated charging port
(DCP
2). It can enable systems to fast charge handheld devices even during “Sleep” and “Power-off” modes.
With different part numbers, GL3523 also has USB Type-C function integrated (GL3523-S).
All available packages for GL3523 are listed as the following tables.
Product Series
Package Type
Number of
DFPs
Power Mgmt.
LED Support
GL3523
QFN 76
4
Individual/ Gang
Green/Amber
QFN 64
4
Individual/ Gang
N/A
QFN 48
2
Individual/ Gang
N/A
GL3523-S
(USB-C
Integrated)
VFBGA144 (5C)
4
Individual/ Gang
Green/Amber
QFN88 (2C3A)
4
Individual/ Gang
Amber
QFN88 (1C4A)
4
Individual/ Gang
Green/Amber
QFN76 (3C)
2
Individual/ Gang
N/A
QFN64 (1C2A)
2
Individual/ Gang
Green/Amber
GL3523 Total Packages
*Note: TT (transaction translator) implements the control logic defined in Section 11.14 ~ 11.22 of USB
specification revision 2.0. TT basically handles the unbalanced traffic speed between the USPORT (operating in
HS) and DSPORTS (operating in FS/LS) of hub.
CHAPTER 2
FEATURES
 Compliant with USB 3.1 Gen 1 Specification
1 CDP, charging downstream port, the Battery Charging Rev.1.2-compliant USB port that does data
communication and charges device up to 1.5A.
2 DCP, dedicated charging port, the Battery Charging Rev.1.2-compliant USB port that only charges devices up
to 1.5A, similar to wall chargers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com