Electronic Components Datasheet Search
  English  ▼

X  

GL3523 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # GL3523
Description  USB 3.1 Gen 1 Hub Controller Datasheet Revision 1.70 Mar. 02, 2017 Genesys Logic, Inc.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL3523 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button GL3523 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 39Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 40Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 41Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 42Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 43Page - List of Unclassifed Manufacturers GL3523 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
GL3523 Datasheet
© 2017 Genesys Logic, Inc. - All rights reserved.
Page 40
GLI Confidential
6.5 On-Chip Power Regulator
GL3523 requires 3.3V and 1.2V source power for normal operation of internal core logic and USB physical
layer (PHY). There are two kinds of regulators integrated in GL3523; one is low-drop power regulator
converts 5V power input from USB cable (Vbus) to 3.3V voltage for silicon power source; another one is
DC-DC switching regulator converts 5V to 1.2 V. The 3.3V and 1.2V power output are guaranteed by internal
voltage reference circuits to prevent unstable 5V power compromise USB data integrity. The regulators’
maximum currents loading are 250mA (5-3.3V) and 0.8A (5-1.2V), which provide enough tolerance for
normal GL3523 operation (below 100mA).
6.5.1 5V to 3.3V Regulator
5V to 3.3V On-chip Power Regulator features are described as follows.
5V to 3.3V low-drop power regulator
250mA maximum output driving capability
Provide stable 3.3V output when Vin = 4.5V~5.5V
125uA maximum quiescent current (typical 80uA).
*Note: Measured environment: Ambient temperature = 25℃,
Current Loading = 250mA
Figure 6.1 - Vin(V5) vs Vout(V33)*
3.245
3.25
3.255
3.26
3.265
3.27
3.275
3.28
3.285
4.5
4.7
4.9
5.1
5.3
5.5
Vin (V)
Vin (V5) vs Vout (V33)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com