Electronic Components Datasheet Search
  English  ▼

X  

APL5158 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5158
Description  150mA CMOS Low Dropout Regulator With Power OK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5158 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5158 Datasheet HTML 1Page - Anpec Electronics Coropration APL5158 Datasheet HTML 2Page - Anpec Electronics Coropration APL5158 Datasheet HTML 3Page - Anpec Electronics Coropration APL5158 Datasheet HTML 4Page - Anpec Electronics Coropration APL5158 Datasheet HTML 5Page - Anpec Electronics Coropration APL5158 Datasheet HTML 6Page - Anpec Electronics Coropration APL5158 Datasheet HTML 7Page - Anpec Electronics Coropration APL5158 Datasheet HTML 8Page - Anpec Electronics Coropration APL5158 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
150mA CMOS Low Dropout Regulator With Power OK
Copyright  ANPEC Electronics Corp.
Rev. A.5 - Aug., 2004
APL5158
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
P a c k ag e C o d e
B : S O T - 2 3 - 5
Te m p . R a n g e
C : 0 t o 70
C
Ha n d l i n g Co d e
T R : T a pe & R e el
V o l t ag e C o d e :
12 : 1. 2V
Le ad F r e e C o de
L : Le ad F r e e D e v i c e
B l a n k : O r i g i n a l D e vi ce
A P L 5158 -
Ha n d l i n g Co d e
Te m p . R a n g e
P a c k ag e C o d e
V o l t ag e C o d e
5 - 1. 2V
X - D a te C o d e
18 5X
Le ad F r e e C o de
Features
General Description
The APL5158 is a precise CMOS LDO with power ok
function. The APL5158 offers 2% output accuracy
over temp, and an ultra low ground current 60
µA.
The power good function monitors the output voltage
and indicates when an error occurs in the system
(active low).In the event of an output fault such as
over current, thermal shutdown, the power ok output
is pulled low. The APL5158 also works with low-ESR
output capacitors, reducing the amount of board space
for power applications, critical in hand-held wireless
devices. Key features include current-limit, thermal
shutdown, fast transient response. A compact pack-
age SOT-23-5 is available for space saving purpose.
Applications
•
Processor power up sequencing
• Laptop,notebook, and palmtop computers
•
Wireless LAN
•••••
Ultra low ground current : 60
µA
•••••
Low Dropout Voltage Regulator, 1.5V
•••••
150mA Load Current Capability
•••••
Output Voltage Accuracy : ±2% Over Temp.
•••••
Input Voltage Range of 2.7V to 6.0V
•••••
Power Good (POK) Function
•••••
Current Limit Protection
•••••
Thermal Shutdown Protection
•••••
Fast Transient Response
•••••
Stability with low-ESR capacitors
•••••
TTL Logic controlled enable input
•••••
SOT-23-5 Package
Pin Configuration
V IN
GN D
PO K
V OU T
1
2
3
5
EN
4
SOT-23-5
Ordering and Marking Information
°


Similar Part No. - APL5158

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-13B ANPEC-APL5151-13B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-14B ANPEC-APL5151-14B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-15B ANPEC-APL5151-15B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-16B ANPEC-APL5151-16B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
More results

Similar Description - APL5158

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
150mA CMOS Low Dropout Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
Dual 150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
150mA CMOS Low Dropout Regulator
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
Dual 150mA CMOS Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316_11 Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com