Electronic Components Datasheet Search
  English  ▼

X  

APL5158 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5158
Description  150mA CMOS Low Dropout Regulator With Power OK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5158 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5158 Datasheet HTML 1Page - Anpec Electronics Coropration APL5158 Datasheet HTML 2Page - Anpec Electronics Coropration APL5158 Datasheet HTML 3Page - Anpec Electronics Coropration APL5158 Datasheet HTML 4Page - Anpec Electronics Coropration APL5158 Datasheet HTML 5Page - Anpec Electronics Coropration APL5158 Datasheet HTML 6Page - Anpec Electronics Coropration APL5158 Datasheet HTML 7Page - Anpec Electronics Coropration APL5158 Datasheet HTML 8Page - Anpec Electronics Coropration APL5158 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.5 - Aug., 2004
APL5158
www.anpec.com.tw
4
APL5158
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
ISR
Load Step Current Slew
Rate
IL=10mA to 150mA
10
mA/
µs
tr
Power Up Rise Time
3
ms
tf
Power Down Fall Time
Discharge resistance=500
Ω,
VO<1.08V
60
µs
VPOK
Delay
Delay Time to Power Good
1
2.5
5
ms
Application Circuit
Electrical Characteristics Cont.
T
A=25°C, VI=5V, V(EN) =VI, IO=100µA, CL=1µF, unless otherwise specified.
Note 1 : Positive output current means the regulator is sourcing load current, and negative one is sinking
load current.
Typical Application For Processor VID Code Power Sequencing Schematic
V
IN=3 to 6V
1
µF
V
OUT=1.2V
10K
Ω
EN
POK
GND
V
IN
1
µF
V
OUT
1
2
3
4
5
APL5158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com