Electronic Components Datasheet Search
  English  ▼

X  

APL5158 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5158
Description  150mA CMOS Low Dropout Regulator With Power OK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5158 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5158 Datasheet HTML 1Page - Anpec Electronics Coropration APL5158 Datasheet HTML 2Page - Anpec Electronics Coropration APL5158 Datasheet HTML 3Page - Anpec Electronics Coropration APL5158 Datasheet HTML 4Page - Anpec Electronics Coropration APL5158 Datasheet HTML 5Page - Anpec Electronics Coropration APL5158 Datasheet HTML 6Page - Anpec Electronics Coropration APL5158 Datasheet HTML 7Page - Anpec Electronics Coropration APL5158 Datasheet HTML 8Page - Anpec Electronics Coropration APL5158 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.5 - Aug., 2004
APL5158
www.anpec.com.tw
3
Symbol
Parameter
Rating
Unit
θJA
Thermal Resistance in Free Air
SOT-23-5
260
°C/W
Electrical Characteristics
T
A=25°C, VI=5V, V(EN) =VI, IO=100µA, CL=1µF, unless otherwise specified.
Thermal Characteristics
APL5158
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VIN
Input Voltage
2.7
6
V
Output Voltage
IO=25mA
1.2
V
IO=0mA
-1.0
+1.0
%
VOUT
Output Voltage Accuracy
IO=1~150mA,TA=0°C to 70°C
-2.0
+2.0
%
IQ
Quiescent Current
V(EN)≦0.8V
0.45
1
µA
IO=0mA
60
µA
IGND
Ground Terminal Current
IO=150mA
370
µA
IL
Output Load Current
150
mA
ILIMIT
Output Current Limit
300 600
mA
△
VLNR
Line Regulation
VIN=2.7V to 6V
-0.1
+0.1
%
△
VLDR
Load Regulation
IO=10mA to 150mA
0.2
1
%
IO=100
µA
1.5
V
VIN-VOUT Dropout Voltage
IO=150mA
1.5
V
CL
Load Capacitance
ESR and Capacitance Tradeoffs
1
µF
IREV
Reverse Output Current on
VIN
VIN=GND, VOUT= Regulated Voltage
4
mA
Enable Input
VIL
Enable Input Logic-Low
Voltage
VIN=2.7V to 6V Regulated Shutdown
0.4
V
VIH
Enable Input Logic-High
Voltage
VIN=2.7V to 6V Regulated Enabled
1.6
V
Shutdown, VIL≦0.8V
0.01
µA
IEN
Enable Input Current
Enabled, VIH≧2V
0.01
µA
Resistance Discharge
VEN≦0.8V
500
Ω
Thermal Protection
TSD
Thermal Shutdown
150
°C
TSDHYS
Hysteresis
15
°C
Power Good
Low Threshold
Output Falls % of VOUT(Power not OK)
83
%
VPOK
High Threshold
Output Reaches % of VO ,Starts Delay
Timer(Power OK)
90
%
VOL
VO Out of Regulation
Fault Condition,IOL=2mA,VIN=3.3V
0.13 0.15
V
IPOK
POK Leakage Current
Power good off,VIN=5V
1
µA
Switching Characteristics
Power Up Overshoot
Max Voltage Overshoot Allowed on
Output During Power Up
1
%
tSTEP
Output Transient Time Limit Time for Output to Return within
Specified Regulation Range
5
µs
Output Transient Voltage
Limit
Voltage that Load Step can Affect the
Nominal Output Voltage
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com