Electronic Components Datasheet Search
  English  ▼

X  

APL5158 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5158
Description  150mA CMOS Low Dropout Regulator With Power OK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5158 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5158 Datasheet HTML 2Page - Anpec Electronics Coropration APL5158 Datasheet HTML 3Page - Anpec Electronics Coropration APL5158 Datasheet HTML 4Page - Anpec Electronics Coropration APL5158 Datasheet HTML 5Page - Anpec Electronics Coropration APL5158 Datasheet HTML 6Page - Anpec Electronics Coropration APL5158 Datasheet HTML 7Page - Anpec Electronics Coropration APL5158 Datasheet HTML 8Page - Anpec Electronics Coropration APL5158 Datasheet HTML 9Page - Anpec Electronics Coropration APL5158 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.5 - Aug., 2004
APL5158
www.anpec.com.tw
6
1
2
3
4
5
23456
0
4
8
12
16
20
00.5
11.522.5
33.5
0
50
100
150
200
250
300
350
400
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
3
3.5
4
4.5
5
5.5
6
Typical Characteristics
Current Limit vs. lnput Voltage
Input Voltage (V)
Ground Pin Current vs. Output Current
Output Current (mA)
POK Delay Time vs. Input Voltage
Input Voltage (V)
POK Sink Current vs. POK Low Voltage
POK Low Voltage (V)
VIN = 5V
IOL = 100uA
VIN = 3.3 V
POK is connected to VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com