Electronic Components Datasheet Search
  English  ▼

X  

APL5301 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5301
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5301 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5301 Datasheet HTML 9Page - Anpec Electronics Coropration APL5301 Datasheet HTML 10Page - Anpec Electronics Coropration APL5301 Datasheet HTML 11Page - Anpec Electronics Coropration APL5301 Datasheet HTML 12Page - Anpec Electronics Coropration APL5301 Datasheet HTML 13Page - Anpec Electronics Coropration APL5301 Datasheet HTML 14Page - Anpec Electronics Coropration APL5301 Datasheet HTML 15Page - Anpec Electronics Coropration APL5301 Datasheet HTML 16Page - Anpec Electronics Coropration APL5301 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2004
APL5301/2
www.anpec.com.tw
13
SOT-23
Packaging Information
D
E
H
S
e
A
A1
L
C
B
3
2
1
M illim et er s
I nc he s
Dim
Mi n .
Ma x .
Mi n .
Ma x .
A
1 .00
1 .30
0 .03 9
0 . 05 1
A 1
0. 0 0
0. 1 0
0. 0 0 0
0 . 0 04
B
0 .35
0 .51
0 .01 4
0 . 02 0
C
0 .10
0 .25
0 .00 4
0 . 01 0
D
2 .70
3 .10
0 .10 6
0 . 12 2
E
1 .40
1 .80
0 .05 5
0 . 07 1
e
1 .90 BSC
0 .07 5 BSC
H
2 .40
3 .00
0 .09 4
0 . 11 8
L
0 .37
0 .00 1 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com