Electronic Components Datasheet Search
  English  ▼

X  

APL5301 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5301
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5301 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5301 Datasheet HTML 1Page - Anpec Electronics Coropration APL5301 Datasheet HTML 2Page - Anpec Electronics Coropration APL5301 Datasheet HTML 3Page - Anpec Electronics Coropration APL5301 Datasheet HTML 4Page - Anpec Electronics Coropration APL5301 Datasheet HTML 5Page - Anpec Electronics Coropration APL5301 Datasheet HTML 6Page - Anpec Electronics Coropration APL5301 Datasheet HTML 7Page - Anpec Electronics Coropration APL5301 Datasheet HTML 8Page - Anpec Electronics Coropration APL5301 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2004
APL5301/2
www.anpec.com.tw
5
APL5301/2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I
SHDN
Shutdown input Bias
current(Note3)
V
SHDN =VIN
0.01
100
nA
Input Reverse Leakage
current
VOUT-VIN=0.1V
0.1
0.5
µA
Reverse Protection
Threshold
11
50
mV
Electrical Characteristics (Cont.)
Application Circuit
BP
V OU T
V IN
GN D
S HDN
VO U T
C IN
1u F
off
on
A P L5 30 1/2
IN P U T
2.7V to 6V
0.01u F
C BP
C OU T
1uF
Note2 : Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT+ 0.5V
Note3 : For 5-pin devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com