Electronic Components Datasheet Search
  English  ▼

X  

APL5301 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5301
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5301 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5301 Datasheet HTML 2Page - Anpec Electronics Coropration APL5301 Datasheet HTML 3Page - Anpec Electronics Coropration APL5301 Datasheet HTML 4Page - Anpec Electronics Coropration APL5301 Datasheet HTML 5Page - Anpec Electronics Coropration APL5301 Datasheet HTML 6Page - Anpec Electronics Coropration APL5301 Datasheet HTML 7Page - Anpec Electronics Coropration APL5301 Datasheet HTML 8Page - Anpec Electronics Coropration APL5301 Datasheet HTML 9Page - Anpec Electronics Coropration APL5301 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2004
APL5301/2
www.anpec.com.tw
6
Typical Characteristics
(All Curves are For Fix 3.3V)
0
20
40
60
80
100
120
140
160
0
1
23
45
6
Ground Pin Current vs. Input Voltage
Input Voltage (V)
IOUT=50mA
NO LOAD
0
0.5
1
1.5
2
2.5
3
3.5
01
23
4
5
6
Input Voltage vs. Output Voltage
Input Voltage (V)
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
Ground Pin Current vs. Load Current
Load Current (mA)
3.28
3.29
3.3
3.31
3.32
-40
-15
10
35
60
85
Output Voltage vs. Temperature
Temperature (°C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com