Electronic Components Datasheet Search
  English  ▼

X  

APL5301 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APL5301
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5301 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APL5301 Datasheet HTML 11Page - Anpec Electronics Coropration APL5301 Datasheet HTML 12Page - Anpec Electronics Coropration APL5301 Datasheet HTML 13Page - Anpec Electronics Coropration APL5301 Datasheet HTML 14Page - Anpec Electronics Coropration APL5301 Datasheet HTML 15Page - Anpec Electronics Coropration APL5301 Datasheet HTML 16Page - Anpec Electronics Coropration APL5301 Datasheet HTML 17Page - Anpec Electronics Coropration APL5301 Datasheet HTML 18Page - Anpec Electronics Coropration APL5301 Datasheet HTML 19Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2004
APL5301/2
www.anpec.com.tw
18
R e lia b ility te s t p ro g ra m
Te st ite m
M e th o d
D escrip tio n
SO L D ER A B IL IT Y
M IL -S TD -8 8 3 D -20 0 3
24 5
°C , 5 SE C
H O LT
M IL-S T D -8 8 3D -1 00 5 .7
10 00 H rs B ia s @ 1 2 5
°C
PC T
J ESD -2 2 - B, A1 02
1 6 8 Hrs , 1 0 0 % RH , 1 2 1
°C
TST
M IL -S TD -8 8 3 D -10 11 .9
-6 5
°C ~ 1 5 0°C , 20 0 C ycles
ESD
M IL -STD -88 3 D -3 0 1 5.7
V H B M > 2KV, VM M > 2 0 0V
L a tc h -U p
J E S D 7 8
1 0 m s , I
tr > 1 0 0 m A
Carrier Tape
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com