Electronic Components Datasheet Search
  English  ▼

X  

APA0710XAI Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA0710XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0710XAI Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA0710XAI Datasheet HTML 5Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 6Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 7Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 8Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 9Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 10Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 11Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 12Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
9
-100
+0
-80
-60
-40
-20
20k
10k
1k
100
20
-100
+0
-80
-60
-40
-20
20k
10k
1k
100
20
0
200
400
600
800
1000
1200
1400
1600
2.5
3
3.5
4
4.5
5
5.5
-100
+0
-80
-60
-40
-20
20
20k
100
1k
10k
T
Typical Characteristics
PSRR vs. Frequency
PSRR vs. Frequency
Frequency (Hz)
Frequency (Hz)
No-Capacitor
CB=0.1
µF
CB=1
µF
VDD=3.3V
RL=8
Ω
SE
VDD=5V
RL=8
Ω
SE
CB=1
µF
CB=0.1
µF
No-Capacitor
PSRR vs. Frequency
Frequency (Hz)
RL=8
Ω
CB=1
µF
BTL
VDD=3.3V
VDD=5V
Supply Current vs. Supply Voltage
Supply Voltage(V)
RF=10k
Ω
BTL(SE/BTL=0.1VDD)
SE(SE/BTL=0.9VDD)
CB=2.2
µF
CB=2.2
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com