Electronic Components Datasheet Search
  English  ▼

X  

APA0710XAI Datasheet(PDF) 22 Page - Anpec Electronics Coropration

Part # APA0710XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0710XAI Datasheet(HTML) 22 Page - Anpec Electronics Coropration

Back Button APA0710XAI Datasheet HTML 18Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 19Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 20Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 21Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 22Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 23Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 24Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 25Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 26Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
22
Effective Bypass Capacitor, Cbypass (Cont.)
<<
(4)
Application Descriptions (Cont.)
The bypass capacitor is fed from a 80k
Ω resistor
inside the amplifier. Bypass capacitor, Cbypass, values
of 0.1
µF to 2.2µF ceramic or tantalum low-ESR
capacitors are recommended for the best THD and
noise performance.
The bypass capacitance also effects to the start up
time. It is determined in the following equation :
Tstart up = 5 x (Cbypass x 80k
Ω)
(5)
Output Coupling Capacitor, Cc (for APA0710 only)
In the typical single-supply (SE) configuration on a
APA0710, an output coupling capacitor (Cc) is required
to block the DC bias at the output of the amplifier thus
preventing DC currents in the load. As with the input
coupling capacitor, the output coupling capacitor and
impedance of the load form a high-pass filter governed
by equation.
FC(highpass)=
1
2
πRLCC
(6)
For example, a 330
µF capacitor with an 8Ω speaker
would attenuate low frequencies below 60.6Hz. The
main disadvantage, from a performance standpoint, is
the load impedance is typically small, which drives
the low-frequency corner higher degrading the bass
response. Large values of C
C are required to pass low
frequencies into the load.
I
F
I
C
)
R
(R
1
×
+
O
80k
Cbypass
1
×
bypass capacitors, especially Cbypass, is thus
dependent upon desired PSRR requirements, click
and pop performance.
To avoid start-up pop noise occurred, the bypass
voltage should rise slower than the input bias voltage
and the relationship shown in equation (4) should be
maintained.
Power Supply Decoupling, Cs
The APA0710/1 is a high-performance CMOS audio
amplifier that requires adequate power supply
decoupling to ensure the output total harmonic
distortion (THD) is as low as possible. Power supply
decoupling also prevents the oscillations causing by
long lead length between the amplifier and the speaker.
The optimum decoupling is achieved by using two
different type capacitors that target on different type
of noise on the power supply leads. For higher frequency
transients, spikes, or digital hash on the line, a good
low equiv alent-series-resistance (ESR) ceramic
capacitor, typically 0.1
µF placed as close as possible
to the device V
DD lead works best. For filtering lower-
frequency noise signals, a large aluminum electrolytic
capacitor of 10
µF or greater placed near the audio
power amplifier is recommended.
Optimizing Depop Circuitry
Circuitry has been included in the APA0710/1 to
minimize the amount of popping noise at power-up
and when coming out of shutdown mode. Popping
occurs whenever a voltage step is applied to the
speaker. In order to eliminate clicks and pops, all
capacitors must be fully discharged before turn-on.
Rapid on/off switching of the device or the shutdown
function will cause the click and pop circuitry. The
value of Ci will also affect turn-on pops (refer to Effective
Bypass Capacitance). The bypass voltage rise up
should be slower than input bias voltage.
Although the bypass pin current source cannot be
modified, the size of Cbypass can be changed to alter
the device turn-on time and the amount of clicks and
pops. By increasing the value of Cbypass, turn-on pop
can be reduced. However, the tradeoff for using a larger
bypass capacitor is to increase the turn-on time for
this device. There is a linear relationship between the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com