Electronic Components Datasheet Search
  English  ▼

X  

APA0710XAI Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APA0710XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0710XAI Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APA0710XAI Datasheet HTML 10Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 11Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 12Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 13Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 14Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 15Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 16Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 17Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
14
0.001
10
0.01
0.1
1
0.002
0.1
0.01
T T T
T
T T
T T
T T
T
T T
T T T TTTTTTTTTTTTTTTTTTTTTTTTTTTT
T T
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
R
R
R
R
R
AV=-5V/V
AV=-10V/V
AV=-1V/V
VDD=5V
Po=60mW
RL=32
Ω
SE
THD+N vs. Frequency
Frequency (Hz)
10
0.01
0.1
1
0.02
0.14
0.04
0.06
0.08
0.1
0.12
VDD=5V
f=1kHz
RL=32
Ω
AV=-1V/V
SE
Output Power (W)
THD+N vs. Output Power
Po=15mW
Po=30mW
Po=60mW
VDD=5V
RL=32
Ω
AV=-1V/V
SE
THD+N vs. Frequency
Frequency (Hz)
Typical Characteristics (Cont.)
THD+N vs. Output Power
VDD=3.3V
RL=32
Ω
AV=-1V/V
SE
f=20Hz
f=20kHz
f=1kHz
f=10kHz
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com