Electronic Components Datasheet Search
  English  ▼

X  

APA0710XAI Datasheet(PDF) 17 Page - Anpec Electronics Coropration

Part # APA0710XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0710XAI Datasheet(HTML) 17 Page - Anpec Electronics Coropration

Back Button APA0710XAI Datasheet HTML 13Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 14Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 15Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 16Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 17Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 18Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 19Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 20Page - Anpec Electronics Coropration APA0710XAI Datasheet HTML 21Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
17
10
100k
100
1k
10k
+20
+60
+100
+140
+180
+220
-0
+28
+4
+8
+12
+16
+20
+24
+20
+60
+100
+140
+180
+220
-0
+28
+4
+8
+12
+16
+20
+24
10
100k
100
1k
10k
0.001
10
0.01
0.1
1
10
500
100
Typical Characteristics (Cont.)
THD+N vs. Output Power
Output Power (
µW)
f=20Hz
f=20kHz
f=10kHz
f=1kHz
VDD=5V
RL=10k
Ω
AV=-1V/V
SE
Close Loop Gain and Phase vs. Frequency
Close Loop Gain and Phase vs. Frequency
Frequency (Hz)
Frequency (Hz)
+300
+20
+60
+100
+140
+180
+220
+260
-10
+10
-8
-6
-4
-2
+0
+2
+4
+6
+8
10
100k
100
1k
10k
Close Loop Gain and Phase vs. Frequency
Frequency (Hz)
Phase
Gain
VDD=3.3V
RL=8
Ω
AV=-4V/V
Po=250mW
BTL
Gain
Phase
Phase
Gain
VDD=3.3V
RL=32
Ω
AV=-2V/V
Po=30mW
SE
VDD=5V
RL=8
Ω
AV=-4V/V
Po=700mW
BTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com