Electronic Components Datasheet Search
  English  ▼

X  

APL5913 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5913
Description  0.8V Reference Ultra Low Dropout (0.25V@3A) Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5913 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5913 Datasheet HTML 3Page - Anpec Electronics Coropration APL5913 Datasheet HTML 4Page - Anpec Electronics Coropration APL5913 Datasheet HTML 5Page - Anpec Electronics Coropration APL5913 Datasheet HTML 6Page - Anpec Electronics Coropration APL5913 Datasheet HTML 7Page - Anpec Electronics Coropration APL5913 Datasheet HTML 8Page - Anpec Electronics Coropration APL5913 Datasheet HTML 9Page - Anpec Electronics Coropration APL5913 Datasheet HTML 10Page - Anpec Electronics Coropration APL5913 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - May., 2005
APL5913
www.anpec.com.tw
7
-70
-60
-50
-40
-30
-20
-10
0
100
1000
10000
100000
1000000
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
-50
-25
0
25
50
75
100
125
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
-50
-25
0
25
50
75
100
125
Typical Operating Characteristics
Junction Temperature (
°C)
Junction Temperature (
°C)
Reference Voltage vs. Junction Temperature
POK Delay Time vs. Junction Temperature
VCNTL
=3.3V
VCNTL
=5V
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
100
1000
10000
100000
1000000
Frequency (Hz)
VCNTL PSRR
VCNTL = 4.5V~5.5V
VIN = 1.5V
VOUT = 1.2V
IOUT = 3A
CIN = 100
µF
COUT = 330uF(ESR=30m
Ω)
VIN PSRR
Frequency (Hz)
VCNTL = 5V
VIN = 1.5V(lower bound)
VINPK-PK = 100mV
CIN = 47
µF
COUT = 330uF(30m
Ω)
IOUT = 3A
VOUT = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com