Electronic Components Datasheet Search
  English  ▼

X  

APL5913 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5913
Description  0.8V Reference Ultra Low Dropout (0.25V@3A) Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5913 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5913 Datasheet HTML 1Page - Anpec Electronics Coropration APL5913 Datasheet HTML 2Page - Anpec Electronics Coropration APL5913 Datasheet HTML 3Page - Anpec Electronics Coropration APL5913 Datasheet HTML 4Page - Anpec Electronics Coropration APL5913 Datasheet HTML 5Page - Anpec Electronics Coropration APL5913 Datasheet HTML 6Page - Anpec Electronics Coropration APL5913 Datasheet HTML 7Page - Anpec Electronics Coropration APL5913 Datasheet HTML 8Page - Anpec Electronics Coropration APL5913 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - May., 2005
APL5913
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APL5913
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
POWER-ON-RESET
VCNTL POR Threshold
VCNTL Rising
2.7
2.9
3.1
V
VCNTL POR Hysteresis
0.4
V
VIN POR Threshold
VIN Rising
0.8
0.9
1.0
VIN POR Hysteresis
0.5
V
OUTPUT VOLTAGE
VREF
Reference Voltage
FB =VOUT
0.8
V
Output Voltage Accuracy
IOUT=0A ~ 5A, TJ= -25 ~125
oC
-1.5
+1.5
%
Line Regulation
VCNTL=3.3 ~ 5V
0.06
0.15
%
Load Regulation
IOUT=0A ~ 3A
0.06
0.15
%
DROPOUT VOLTAGE
IOUT = 3A, VCNTL=5V, TJ= 25
oC
0.17
0.25
V
Dropout Voltage
IOUT = 3A, VCNTL=5V, TJ= -50~125
oC
0.3
V
PROTECTION
VCNTL=5V, TJ= 25
oC
3.8
5
6.2
A
VCNTL=5V, TJ= -25 ~ 125
oC
4
A
VCNTL=3.3V, TJ= 25
oC
3.8
4.8
5.3
A
ILIM
Current Limit
VCNTL=3.3V, TJ= -25 ~ 125
oC
3.8
A
TSD
Thermal Shutdown Temperature TJ Rising
150
oC
Thermal Shutdown Hysteresis
50
oC
Under-Voltage Threshold
VFB Falling
0.4
V
ENABLE and SOFT-START
EN Logic High Threshold Voltage VEN Rising
0.3
0.4
0.5
V
EN Hysteresis
30
mV
EN Pin Pull-Up Current
EN=GND
10
µA
TSS
Soft-Start Interval
2
mS
POWER OK and DELAY
VPOK
POK Threshold Voltage for Power
OK
VFB Rising
90% 92% 94% VREF
VPNOK
POK Threshold Voltage for Power
Not OK
VFB Falling
79% 81% 83% VREF
POK Low Voltage
POK sinks 5mA
0.25
0.4
V
TDELAY
POK Delay Time
1
3
10
mS
Refer to the typical application circuit. These specifications apply over, VCNTL = 5V, VIN = 1.5V, VOUT = 1.2V and TA = 0
to 70
°C, unless otherwise specified. Typical values refer to TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com