Electronic Components Datasheet Search
  English  ▼

X  

APL5913 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5913
Description  0.8V Reference Ultra Low Dropout (0.25V@3A) Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5913 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5913 Datasheet HTML 5Page - Anpec Electronics Coropration APL5913 Datasheet HTML 6Page - Anpec Electronics Coropration APL5913 Datasheet HTML 7Page - Anpec Electronics Coropration APL5913 Datasheet HTML 8Page - Anpec Electronics Coropration APL5913 Datasheet HTML 9Page - Anpec Electronics Coropration APL5913 Datasheet HTML 10Page - Anpec Electronics Coropration APL5913 Datasheet HTML 11Page - Anpec Electronics Coropration APL5913 Datasheet HTML 12Page - Anpec Electronics Coropration APL5913 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - May., 2005
APL5913
www.anpec.com.tw
9
Operating Waveforms (Cont.)
2. Power ON / Power OFF :
- VIN = 1.5V, VCNTL = 5V,VOUT = 1.2V
- COUT = 220
µF/6.3V (ESR = 30mΩ), CIN = 100µF/6.3V, RL=1Ω
Ch1 : VIN,1V/div
Ch2 : VOUT,1V/div
Ch3 : VPOK,1V/div
Ch4 : VCNTL,2V/div
Time : 10ms/div
Power ON
VIN
VOUT
VCNTL
VPOK
Ch1
Ch2
Ch3
Ch4
Ch1 : VIN,1V/div
Ch2 : VOUT,1V/div
Ch3 : VPOK,1V/div
Ch4 : VCNTL,2V/div
Time : 10ms/div
Ch1
Ch2
Ch3
Ch4
Power OFF
VIN
VOUT
VPOK
VCNTL
Ch1
Ch2
Ch3
Ch4
Power OFF
VIN
VIN
VOUT
VOUT
VPOK
VPOK
VCNTL
VCNTL
1.2
Using an MLCC as the Output Capacitor
- COUT = 22
µF/6.3V (ESR = 3mΩ), CIN = 22µF/6.3V
- IOUT = 10mA to 3A to 10mA, Rise time = Fall time = 1
µS
IOUT = 10mA -> 3A
IOUT = 10mA -> 3A ->10mA
IOUT = 3A -> 10mA
VOUT
IOUT
VOUT
IOUT
VOUT
IOUT
Ch1 : VOUT, 100mV/Div
Ch2 : IOUT, 1A/Div
Time : 2
µS/Div
Ch1 : VOUT, 100mV/Div
Ch2 : IOUT, 1A/Div
Time : 20
µS/Div
Ch1 : VOUT, 100mV/Div
Ch2 : IOUT, 1A/Div
Time : 2
µS/Div
1
1
2
2
1
1
2
2
1
1
2
2
R1=39k
Ω, R2=78kΩ
C1=56pF
R1=39k
Ω, R2=78kΩ
C1=56pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com