Electronic Components Datasheet Search
  English  ▼

X  

APW6021 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW6021
Description  Advanced PWM and Triple Linear Power Controllers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6021 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW6021 Datasheet HTML 3Page - Anpec Electronics Coropration APW6021 Datasheet HTML 4Page - Anpec Electronics Coropration APW6021 Datasheet HTML 5Page - Anpec Electronics Coropration APW6021 Datasheet HTML 6Page - Anpec Electronics Coropration APW6021 Datasheet HTML 7Page - Anpec Electronics Coropration APW6021 Datasheet HTML 8Page - Anpec Electronics Coropration APW6021 Datasheet HTML 9Page - Anpec Electronics Coropration APW6021 Datasheet HTML 10Page - Anpec Electronics Coropration APW6021 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. P.4 - Mar., 2001
APW6021
www.anpec.com.tw
7
DRIVE3 (Pin 18)
Connect this pin to the gate of an external MOSFET.
This pin provides the drive for the 1.5V regulator’s
pass transistor.
VSEN3 (Pin 19)
Connect this pin to the output of the 1.5V linear
regulator. This pin is monitored for under-voltage
events.
COMP and FB (Pin 20, and 21)
COMP and FB are the available external pins of the
PWM converter error amplifier. The FB pin is the in-
verting input of the error amplifier. Similarly, the COMP
pin is the error amplifier output. These pins are used
to compensate the voltage-mode control feedback
loop of the synchronous PWM converter.
VSEN1 (Pin 22)
This pin is connected to the PWM converter’s output
voltage. The PGOOD and OVP comparator circuits
use this signal to report output voltage status and for
over- voltage protection.
OCSET (Pin 23)
Connect a resistor from this pin to the drain of the
respective upper MOSFET. This resistor, an internal
200
µA current source, and the upper MOSFET’s on-
resistance set the converter over-current trip point.
An over-current trip cycles the soft-start function.
The voltage at this pin is monitored for power-on re-
set (POR) purposes and pulling this pin low with an
open drain device will shutdown the IC.
PGND (Pin 24)
This is the power ground connection. Tie the syn-
chronous PWM converter’s lower MOSFET source
to this pin.
Functional Pin Description Cont.
LGATE (Pin 25)
Connect LGATE to the PWM converter’s lower
MOSFET gate. This pin provides the gate drive for
the lower MOSFET.
PHASE (Pin 26)
Connect the PHASE pin to the PWM converter’s up-
per MOSFET source. This pin represents the gate
drive return current path and is used to monitor the
voltage drop across the upper MOSFET for over-cur-
rent protection.
UGATE (Pin 27)
Connect UGATE pin to the PWM converter’s upper
MOSFET gate. This pin provides the gate drive for
the upper MOSFET.
VCC (Pin 28)
Provide a 12V bias supply for the IC to this pin. This
pin also provides the gate bias charge for all the
MOSFETs controlled by the IC. The voltage at this
pin is monitored for Power-On Reset (POR) purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com