Electronic Components Datasheet Search
  English  ▼

X  

APW6021 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW6021
Description  Advanced PWM and Triple Linear Power Controllers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6021 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW6021 Datasheet HTML 1Page - Anpec Electronics Coropration APW6021 Datasheet HTML 2Page - Anpec Electronics Coropration APW6021 Datasheet HTML 3Page - Anpec Electronics Coropration APW6021 Datasheet HTML 4Page - Anpec Electronics Coropration APW6021 Datasheet HTML 5Page - Anpec Electronics Coropration APW6021 Datasheet HTML 6Page - Anpec Electronics Coropration APW6021 Datasheet HTML 7Page - Anpec Electronics Coropration APW6021 Datasheet HTML 8Page - Anpec Electronics Coropration APW6021 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. P.4 - Mar., 2001
APW6021
www.anpec.com.tw
5
Electrical Characteristics Cont.
Functional Pin Description
DRIVE2 (Pin 1)
Connect this pin to the gate of an external MOSFET.
This pin provides the drive for the AGP regulator’s
pass transistor.
FIX (Pin 2)
Grounding this pin bypasses the internal resistor di-
viders that set the output voltage of the 1.5V and 1.
8V linear regulators. This way, the output voltage of
the two regulators can be adjusted from 1.26V up to
the input voltage (+3.3V or +5V) by way of an exter-
nal resistor divider connected at the corresponding
VSEN pin. The new output voltage set by the exter-
nal resistor divider can be determined using the fol-
lowing formula:
V
OUT =1.265V × [1+ROUT/ RGND ]
where R
OUT is the resistor connected from VSEN to
the output of the regulator, and R
GND is the resistor
connected from VSEN to ground. Left open, the FIX
pin is pulled high, enabling fixed output voltage
operation.
APW6021
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Synchronous PWM Controller Error Amplifier
DC Gain
88
dB
GBWP Gain-Bandwidth Product
15
MHz
SR
Slew Rate
COMP=10pF
6
V/
µs
PWM Controller Gate Driver
I
UGATE
UGATE Source
V
CC=12V, VUGATE =6V
1
A
R
UGATE
UGATE Sink
V
UGATE1-PHASE =1V
3.5
Ω
I
LGATE
LGATE Source
V
CC=12V, VLGATE =1V
1
A
R
LGATE
LGATE Sink
V
LGATE= 1V
3
Ω
Protection
VSEN1 Over-Voltage
(VSEN1/DACOUT)
VSEN1 Rising
115
120
%
I
OVP
FAULT Souring Current
V
FAULT/RT=2.0V
8.5
mA
I
OCSET
OCSET1 Current Source
V
OCSET= 4.5VDC
170
200
230
µA
I
SS
Soft Start Current
28
µA
Power Good
VSEN1 Upper Threshold
(VSEN1/DACOUT)
VSEN1 Rising
108
110
%
VSEN1 Under Voltage
(VSEN1/DACOUT)
VSEN1 Rising
92
94
%
VSEN1 Hysteresis (VSEN1
/DACOUT)
Upper /Lower Threshold
2
%
V
PGOOD
PGOOD Voltage Low
I
PGOOD= -4mA
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com