Electronic Components Datasheet Search
  English  ▼

X  

APW6021 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW6021
Description  Advanced PWM and Triple Linear Power Controllers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6021 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW6021 Datasheet HTML 5Page - Anpec Electronics Coropration APW6021 Datasheet HTML 6Page - Anpec Electronics Coropration APW6021 Datasheet HTML 7Page - Anpec Electronics Coropration APW6021 Datasheet HTML 8Page - Anpec Electronics Coropration APW6021 Datasheet HTML 9Page - Anpec Electronics Coropration APW6021 Datasheet HTML 10Page - Anpec Electronics Coropration APW6021 Datasheet HTML 11Page - Anpec Electronics Coropration APW6021 Datasheet HTML 12Page - Anpec Electronics Coropration APW6021 Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. P.4 - Mar., 2001
APW6021
www.anpec.com.tw
9
Typical Application
APW6021
OCSET
PGOOD
UGATE
PHASE
LGATE
PGND
VSEN1
FB
COMP
FAULT/ RT
C
SS
GND
VSEN2
DRIVE3
VCC
+12V
IN
+3.3V
IN
V
OUT2
TYPEDET
C
IN
+5V
IN
POWER GOOD
Q1
V
OUT1
1.3V to 3.5V
C
OUT1
L
OUT1
Q2
L
IN
Q4
C
OUT3
1.5V
V
OUT3
VID1
VID3
VID4
VID2
VID0
SS
1.5V or 3.3V
C
OUT2
SELECT
VAUX
VSEN3
Q5
C
OUT4
FIX
DRIVE4
VSEN4
1.8V
V
OUT4
Q3
DRIVE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com