Electronic Components Datasheet Search
  English  ▼

X  

APW6021 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW6021
Description  Advanced PWM and Triple Linear Power Controllers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6021 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW6021 Datasheet HTML 1Page - Anpec Electronics Coropration APW6021 Datasheet HTML 2Page - Anpec Electronics Coropration APW6021 Datasheet HTML 3Page - Anpec Electronics Coropration APW6021 Datasheet HTML 4Page - Anpec Electronics Coropration APW6021 Datasheet HTML 5Page - Anpec Electronics Coropration APW6021 Datasheet HTML 6Page - Anpec Electronics Coropration APW6021 Datasheet HTML 7Page - Anpec Electronics Coropration APW6021 Datasheet HTML 8Page - Anpec Electronics Coropration APW6021 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. P.4 - Mar., 2001
APW6021
www.anpec.com.tw
3
Block Diagram
PGOOD
Power-on
Reset
(POR)
VCC
200
µA
× 1.10
SOFT START
& FAULT
LOGIC
+
-
GATE
CONTROL
+
-
PWM
COMP1
SYNCH
DRIVE
OV
DACOUT
UGATE
PHASE
VCC
LGATE
PGND
COMP
FB
SS
OCSET
VSEN1
ERROR
AMP1
PWM1
VCC
INHIBIT
OC1
DRIVER1
VAUX
LUV
LINEAR
UNDER-
VOLTAGE
+
-
+
-
DRIVE3
DRIVE 4
+
-
VID0
TTL D/A
CONVERTER
(DAC)
VID1 VID2 VID3 VID4
+
-
1.26V
+
-
+
-
+
-
+
-
OSCILLATOR
FAULT/ RT
× 0.90
× 1.15
VCC
4.5V
28
µA
FAULT
INHIBIT
× 0.75
VAUX
VSEN 4
DRIVE2
VSEN2
SELECT
GND
× 0.75
SD
FIX
VSEN3
+
-
+
-
1.5V
or
3.3v
+
-
Thermal Characteristics
Symbol
Parameter
Value
Unit
R θJA
Thermal Resistance in Free Air
SOIC
SOIC (with 3in2 of Copper)
75
65
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com