Electronic Components Datasheet Search
  English  ▼

X  

APW7071 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7071
Description  White LED DC/DC Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7071 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7071 Datasheet HTML 1Page - Anpec Electronics Coropration APW7071 Datasheet HTML 2Page - Anpec Electronics Coropration APW7071 Datasheet HTML 3Page - Anpec Electronics Coropration APW7071 Datasheet HTML 4Page - Anpec Electronics Coropration APW7071 Datasheet HTML 5Page - Anpec Electronics Coropration APW7071 Datasheet HTML 6Page - Anpec Electronics Coropration APW7071 Datasheet HTML 7Page - Anpec Electronics Coropration APW7071 Datasheet HTML 8Page - Anpec Electronics Coropration APW7071 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2006
APW7071
www.anpec.com.tw
2
Pin Description
No
Name
Function
1
SW
Switch Pin. Connect to inductor/diode here. Minimize trace area at this
pin to educe EMI.
2
GND
Ground Pin.
3
FB
Feedback Pin. Reference voltage is 0.25V. Connect cathode of
lowest LED and resistor here. Calculate resistor value according to
RFB = 0.25V/l LED
4
SHDN
Shutdown Pin. Tie to 1.3V or higher to enable device, 0.4V or less to
disable.
5
OVP
Over voltage protection sense pin. Connect this pin to VOUT for over
voltage protection.
6
Vin
Supply voltage Pin.
Block Diagram
Under
Voltage
Lockout
Gate
Driver
Control
Logic
400ns Min.
off-time
Soft
start
6us Max.
on-time
-
+
-
+
OVP
Vref=0.25V
FB(3)
SHDN(4)
GND(2)
VIN(6)
SW(1)
RSENSE
N-MOSFET
Current Limit
Error
Comparator
OVP(5)
-
+
Thermal
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com