Electronic Components Datasheet Search
  English  ▼

X  

APW7071 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7071
Description  White LED DC/DC Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7071 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7071 Datasheet HTML 2Page - Anpec Electronics Coropration APW7071 Datasheet HTML 3Page - Anpec Electronics Coropration APW7071 Datasheet HTML 4Page - Anpec Electronics Coropration APW7071 Datasheet HTML 5Page - Anpec Electronics Coropration APW7071 Datasheet HTML 6Page - Anpec Electronics Coropration APW7071 Datasheet HTML 7Page - Anpec Electronics Coropration APW7071 Datasheet HTML 8Page - Anpec Electronics Coropration APW7071 Datasheet HTML 9Page - Anpec Electronics Coropration APW7071 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2006
APW7071
www.anpec.com.tw
6
50
55
60
65
70
75
80
-40
-20
0
20
40
60
80
100
40
45
50
55
60
65
70
75
2
3
4
5
6
Typical Characteristics (Cont.)
Temperature(°C)
Non-Switch Quiescent Current vs.
Supply Voltage
Non-Switch Quiescent Current vs.
Temperature
0
5
10
15
20
25
1
2
3
4
5
6
Start-upWaveform
Supply Voltage(V)
LED Current vs. Supply Voltage
SHDN
2V/DIV
VOUT
5V/DIV
Input Current
100mA/DIV
Supply Voltage(V)
1 ms/DIV
Vin=3.3V
L=4.7
µH
Cout=0.1
µF
4LED
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com