Electronic Components Datasheet Search
  English  ▼

X  

APW7071 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7071
Description  White LED DC/DC Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7071 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7071 Datasheet HTML 1Page - Anpec Electronics Coropration APW7071 Datasheet HTML 2Page - Anpec Electronics Coropration APW7071 Datasheet HTML 3Page - Anpec Electronics Coropration APW7071 Datasheet HTML 4Page - Anpec Electronics Coropration APW7071 Datasheet HTML 5Page - Anpec Electronics Coropration APW7071 Datasheet HTML 6Page - Anpec Electronics Coropration APW7071 Datasheet HTML 7Page - Anpec Electronics Coropration APW7071 Datasheet HTML 8Page - Anpec Electronics Coropration APW7071 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2006
APW7071
www.anpec.com.tw
3
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
Supply voltage
7
V
FB
Feedback Voltage
7
V
SHDN
Shutdown Voltage
7
V
SW
Switch Voltage
20
V
TJ
Junction Temperature Range
150
°C
TSTG
Storage Temperature Range
-40 to +150
°C
Recommend Operating Conditions
Value
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vin
Input supply voltage
2.4
6.0
V
Vsw
Switch voltage
Vin
18
V
L
Inductor
4.7
µH
Cin
Input capacitor
4.7
µF
Cout
Output capacitor
0.1
µF
Ta
Operating ambient temperature
-40
85
°C
Tj
Operating junction temperature
-40
125
°C
Electrical Characteristics
V
IN=2.4V, EN=VIN, TA=-40°C to +85°C, typical values are at TA=+25°C (unless otherwise noted)
APW7071
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage and Current
Vin
Input Voltage Range
2.4
6
V
Iq
Operating quiescent current
Iout=0, not switching,
VFB=0.3V
70
90
µA
Isd
Shutdown current
SHDN=GND
0.1
1
µA
UVLO
Under-Voltage Lockout threshold
2.1
2.3
V
Under-Voltage Lockout
hysteresis
100
mV
ENABLE
VIH
SHDN high level input voltage
1.3
V
VIL
SHDN low level input voltage
0.4
V
Ii
SHDN input leakage current
SHDN=GND or VIN
0.1
1
µA
Power Switch and Current limit
Vsw
Maximum switching voltage
20
V
toff
Minimum off-time
350
400
500
ns
ton
Maximum on-time
4
6
7.5
µs
Rds,on
MOSFET on-resistance
Vin=2.4V, Isw=200mA
600
1000
m
Ω
MOSFET leakage current
Vsw=20V
1
10
µA
ILIM
MOSFET current limit
350
400
450
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com