Electronic Components Datasheet Search
  English  ▼

X  

APW7071 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7071
Description  White LED DC/DC Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7071 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7071 Datasheet HTML 1Page - Anpec Electronics Coropration APW7071 Datasheet HTML 2Page - Anpec Electronics Coropration APW7071 Datasheet HTML 3Page - Anpec Electronics Coropration APW7071 Datasheet HTML 4Page - Anpec Electronics Coropration APW7071 Datasheet HTML 5Page - Anpec Electronics Coropration APW7071 Datasheet HTML 6Page - Anpec Electronics Coropration APW7071 Datasheet HTML 7Page - Anpec Electronics Coropration APW7071 Datasheet HTML 8Page - Anpec Electronics Coropration APW7071 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2006
APW7071
www.anpec.com.tw
5
70
72
74
76
78
80
82
84
86
88
90
2
3
4
5
6
74
76
78
80
82
84
86
88
90
0.1
1
10
100
Typical Characteristics
Efficiency vs LED Current
LED Current(mA)
Supply Voltage(V)
Vin=3.6V
Vin=4.2V
Vin=2.7V
Efficiency vs Supply Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
-40
-20
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
2
3
4
5
6
Temperature(°C)
Supply Voltage(V)
Switch Rds,on vs Supply Voltage
Switch Rds,on vs Temperature
(Circuit of Figure 1, VIN = 3.3V, ILED = 15mA, L1 = 4.7
µH, CIN = 4.7µF, COUT = 0.1µF,4 LEDs,
TA = +25
°C, unless otherwise noted.)
ILED=15mA
Ta=25
°C
Vin=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com