Electronic Components Datasheet Search
  English  ▼

X  

APW7074 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7074 Datasheet HTML 5Page - Anpec Electronics Coropration APW7074 Datasheet HTML 6Page - Anpec Electronics Coropration APW7074 Datasheet HTML 7Page - Anpec Electronics Coropration APW7074 Datasheet HTML 8Page - Anpec Electronics Coropration APW7074 Datasheet HTML 9Page - Anpec Electronics Coropration APW7074 Datasheet HTML 10Page - Anpec Electronics Coropration APW7074 Datasheet HTML 11Page - Anpec Electronics Coropration APW7074 Datasheet HTML 12Page - Anpec Electronics Coropration APW7074 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Feb., 2006
APW7074
www.anpec.com.tw
9
0.792
0.794
0.796
0.798
0.8
0.802
0.804
-40
-20
0
20
40
60
80
100
120
275
280
285
290
295
300
305
310
-40
-20
0
20
40
60
80
100
120
Typical Characteristics
Over Current Protection
Short Test
Switching Frequency vs. Junction Temperature
Reference Voltage vs. Junction Temperature
CH1
CH2
CH3
CH1
CH2
CH3
CH4
CH1: SS (5V/div)
CH2: IL (10A/div)
CH3: Vo (1V/div)
CH4:Ug (20V/div)
Time: 10ms/div
CH1: SS (5V/div)
CH2: IL (10A/div)
CH3: Vo (1V/div)
CH4:Ug (20V/div)
Time: 10ms/div
Vcc=12V, Vin=12V,Vo=1.5V, L=1uH
Rocset=1KΩ , Rds(on)=8mΩ
Vcc=12V, Vin=12V
Vo=1.5V, L=1uH
CH4
Junction Temperature (
°C)
Junction Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com