Electronic Components Datasheet Search
  English  ▼

X  

APW7074 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7074 Datasheet HTML 1Page - Anpec Electronics Coropration APW7074 Datasheet HTML 2Page - Anpec Electronics Coropration APW7074 Datasheet HTML 3Page - Anpec Electronics Coropration APW7074 Datasheet HTML 4Page - Anpec Electronics Coropration APW7074 Datasheet HTML 5Page - Anpec Electronics Coropration APW7074 Datasheet HTML 6Page - Anpec Electronics Coropration APW7074 Datasheet HTML 7Page - Anpec Electronics Coropration APW7074 Datasheet HTML 8Page - Anpec Electronics Coropration APW7074 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Feb., 2006
APW7074
www.anpec.com.tw
4
Unless otherwise specified, these specifications apply over VCC=12V, and TA =-20~70
°C. Typical values are at
T
A=25°C.
Electrical Characteristics (Cont.)
APW7074
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
POWER-ON RESET
Rising VCC Threshold
9
9.5
10.0
V
Falling VCC Threshold
7.5
8
8.5
V
Rising VOCSET Threshold
1.3
V
VOCSET Hysteresis Voltage
0.1
V
Rising EN threshold Voltage
1.3
V
EN Hysteresis Voltage
0.1
V
OSCILLATOR
FOSC
Oscillator Frequency
255
300
345
kHz
VOSC
Ramp Amplitude
(nominal 1.35V to 2.95V)
1.6
V
Duty
Duty Cycle Range
0
100
%
REFERENCE
VREF
Reference Voltage
0.80
V
Reference Voltage Tolerance
-1
+1
%
PWM ERROR AMPLIFIER
Gain
Open Loop Gain
RL = 10k, CL = 10pF (Note3)
88
dB
GBWP Open Loop Bandwidth
RL = 10k, CL = 10pF (Note3)
15
MHz
SR
Slew Rate
RL = 10k, CL = 10pF (Note3)
6
V/us
FB Input Current
VFB = 0.8V
0.1
1
uA
VCOPM COMP High Voltage
5.5
V
VCOPM COMP Low Voltage
0
V
ICOMP COMP Source Current
VCOMP = 2V
5
mA
ICOMP COMP Sink Current
VCOMP = 2V
5
mA
GATE DRIVERS
IUGATE Upper Gate Source Current
BOOT = 12V, VUGATE -VPHASE = 2V
2.6
A
IUGATE Upper Gate Sink Current
BOOT = 12V, VUGATE -VPHASE = 2V
1.05
A
ILGATE Lower Gate Source Current
PVCC = 12V, VLGATE = 2V
4.9
A
ILGATE Lower Gate Sink Current
PVCC = 12V, VLGATE = 2V
1.4
A
RUGATE Upper Gate Source Impedance BOOT = 12V, IUGATE = 0.1A
2
3
Ω
RUGATE Upper Gate Sink Impedance
BOOT = 12V, IUGATE = 0.1A
1.6
2.4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com