Electronic Components Datasheet Search
  English  ▼

X  

APW7074 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7074 Datasheet HTML 1Page - Anpec Electronics Coropration APW7074 Datasheet HTML 2Page - Anpec Electronics Coropration APW7074 Datasheet HTML 3Page - Anpec Electronics Coropration APW7074 Datasheet HTML 4Page - Anpec Electronics Coropration APW7074 Datasheet HTML 5Page - Anpec Electronics Coropration APW7074 Datasheet HTML 6Page - Anpec Electronics Coropration APW7074 Datasheet HTML 7Page - Anpec Electronics Coropration APW7074 Datasheet HTML 8Page - Anpec Electronics Coropration APW7074 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Feb., 2006
APW7074
www.anpec.com.tw
3
Symbol
Parameter
Rating
Unit
VCC, PVCC
VCC, PVCC to GND
-0.3 to +16
V
BOOT
BOOT to PHASE
-0.3 to +16
V
UGATE
UGATE to PHASE <400ns pulse width
>400ns pulse width
-5 to BOOT+5
-0.3 to BOOT +0.3
V
LGATE
LGATE to PGND
<400ns pulse width
>400ns pulse width
-5 to PVCC+5
-0.3 to BOOT +0.3
V
PHASE
PHASE to GND
<400ns pulse width
>400ns pulse width
-5 to +21
-0.3 to 16
V
OCSET
OCSET to GND
VCC+0.3
V
FB, COMP
FB, COMP to GND
-0.3 to 7
V
PGND
PGND to GND
-0.3 to +0.3
V
TJ
Junction Temperature Range
-20 to +150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Soldering Temperature (10 Seconds)
300
°C
VESD
Minimum ESD Rating
±2
KV
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC, PVCC
IC Supply Voltage
10.8 to 13.2
V
VIN
Converter Input Voltage
2.2 to 13.2
V
VOUT
Converter Output Voltage
0.8 to 5
V
IOUT
Converter Output Current
0 to 25
A
TA
Ambient Temperature Range
-20 to 70
°C
TJ
Junction Temperature Range
-20 to 125
°C
Recommended Operating Conditions
Unless otherwise specified, these specifications apply over VCC=12V, and TA =-20~70
°C. Typical values are at
T
A=25°C.
Electrical Characteristics
APW7074
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
INPUT SUPPLY CURRENT
VCC Supply Current
(Shutdown mode)
UGATE, LGATE and EN = GND
0.5
1
mA
ICC
VCC Supply Current
UGATE and LGATE Open
5
10
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com