Electronic Components Datasheet Search
  English  ▼

X  

APW7074 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7074 Datasheet HTML 1Page - Anpec Electronics Coropration APW7074 Datasheet HTML 2Page - Anpec Electronics Coropration APW7074 Datasheet HTML 3Page - Anpec Electronics Coropration APW7074 Datasheet HTML 4Page - Anpec Electronics Coropration APW7074 Datasheet HTML 5Page - Anpec Electronics Coropration APW7074 Datasheet HTML 6Page - Anpec Electronics Coropration APW7074 Datasheet HTML 7Page - Anpec Electronics Coropration APW7074 Datasheet HTML 8Page - Anpec Electronics Coropration APW7074 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Feb., 2006
APW7074
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW7074
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
GATE DRIVERS (Cont.)
RLGATE
Lower Gate Source Impedance
PVCC = 12V, ILGATE = 0.1A
1.3
1.95
Ω
RLGATE
Lower Gate Sink Impedance
PVCC = 12V, ILGATE = 0.1A
1.25
1.88
Ω
TD
Dead Time
20
nS
PROTECTION
UVFB
FB Under Voltage Level
Percent of VREF
45
50
55
%
IOCSET
OCSET Source Current (Hi-Side) VOCSET = 11.5V
150
200
250
uA
VOCP
OCP Voltage (Low-Side)
230
270
310
mV
SOFT START
ISS
Soft-Start Charge Current
8
10
12
uA
Unless otherwise specified, these specifications apply over VCC=12V, and TA =-20~70
°C. Typical values are
at T
A=25°C.
Typical Application Circuit
VCC
BOOT
UGATE
PHASE
PVCC
LGATE
PGND
GND
OCSET
FB
SS
EN
VOUT
12V
VIN
ON
OFF
COMP
2.37K
1nF
0.1uF
APM2509
APM2506
1uF
22nF
1uF
SCD24
1N4148
1uH
470uF
2.2uH
470uFx2
1000uFx2
2K
1K
1.5nF
7.5R
18R
68nF
8.2nF
33nF
2.7K
Note 3:Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com