Electronic Components Datasheet Search
  English  ▼

X  

AP1509 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1509
Description  150kHz, 2A PWM BUCK DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1509 Datasheet HTML 1Page - Diodes Incorporated AP1509 Datasheet HTML 2Page - Diodes Incorporated AP1509 Datasheet HTML 3Page - Diodes Incorporated AP1509 Datasheet HTML 4Page - Diodes Incorporated AP1509 Datasheet HTML 5Page - Diodes Incorporated AP1509 Datasheet HTML 6Page - Diodes Incorporated AP1509 Datasheet HTML 7Page - Diodes Incorporated AP1509 Datasheet HTML 8Page - Diodes Incorporated AP1509 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP1509
Document number: DS31016 Rev. 6 - 2
5 of 12
www.diodes.com
February 2020
© Diodes Incorporated
AP1509
Electrical Characteristics
Unless otherwise specified, VIN = 12V for 3.3V, 5V, adjustable version, and VIN = 18V for the 12V version. ILOAD = 0.5A
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
IFB
Feedback Bias Current
VFB = 1.3V
(Adjustable Version Only)
—
-10
-50
nA
-100
FOSC
Oscillator Frequency
—
127
150
173
kHz
110
173
FSCP
Oscillator Frequency of Short Circuit
Protect
When Current Limit Occurred and
VFB < 0.5V, Ta = 25°C
10
30
50
kHz
VSAT
Saturation Voltage
IOUT = 2A
No Outside Circuit
VFB = 0V Force Driver On
—
1.25
1.4
V
1.5
DC
Max. Duty Cycle (ON)
VFB = 0V Force Driver On
—
100
—
%
Min. Duty Cycle (OFF)
VFB = 12V Force Driver Off
—
0
—
ICL
Current Limit
Peak Current
No Outside Circuit
VFB = 0V Force Driver On
3
—
—
A
IL
Output = 0
Output Leakage Current
No Outside Circuit
VFB = 12V Force Driver Off
—
—
-200
µA
Output = -1
VIN = 22V
—
-5
mA
IQ
Quiescent Current
VFB = 12V Force Driver Off
—
5
10
mA
ISTBY
Standby Quiescent Current
ON/OFF pin = 5V
VIN = 22V
—
70
150
µA
200
VIL
ON/OFF Pin Logic Input Threshold
Voltage
Low (Regulator ON)
—
1.3
0.6
V
VIH
High (Regulator OFF)
2.0
—
IH
ON/OFF Pin Logic Input Current
VLOGIC = 2.5V (OFF)
—
—
-0.01
µA
IL
ON/OFF Pin Input Current
VLOGIC = 0.5V (ON)
—
-0.1
-1
ϴJA
Thermal Resistance
SO-8
Junction to Case
—
15
—
°C/W
ϴJC
Thermal Resistance
with a Copper Area of Approximately
3in2
SO-8
Junction to Ambient
—
70
—
°C/W
AP1509 - ADJ
VFB
Output
Feedback
4.5V < VIN < 22V
0.2A < ILOAD < 2A
VOUT Programmed for 3V
1.193
1.18
1.23
1.267
1.28
V
Ƞ
Efficiency
VIN = 12V, ILOAD=2A
76
76
—
%
AP1509 - 3.3V
VOUT
Output Voltage
4.75V < VIN < 22V
0.2A < ILOAD < 2A
3.168
3.135
3.3
3.432
3.465
V
Ƞ
Efficiency
VIN = 12V,
ILOAD = 2A
78
78
—
%
AP1509 - 5V
VOUT
Output Voltage
7V < VIN < 22V
0.2A < ILOAD < 2A
4.8
4.75
5
5.2
5.25
V
Ƞ
Efficiency
VIN = 12V,
ILOAD = 2A
83
83
—
%
AP1509 - 12V
VOUT
Output Voltage
15V < VIN < 22V
0.2A < ILOAD < 2A
11.52
11.4
12
12.48
12.6
V
Ƞ
Efficiency
VIN = 15V,
ILOAD = 2A
90
90
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com