Electronic Components Datasheet Search
  English  ▼

X  

AP1509 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1509
Description  150kHz, 2A PWM BUCK DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1509 Datasheet HTML 4Page - Diodes Incorporated AP1509 Datasheet HTML 5Page - Diodes Incorporated AP1509 Datasheet HTML 6Page - Diodes Incorporated AP1509 Datasheet HTML 7Page - Diodes Incorporated AP1509 Datasheet HTML 8Page - Diodes Incorporated AP1509 Datasheet HTML 9Page - Diodes Incorporated AP1509 Datasheet HTML 10Page - Diodes Incorporated AP1509 Datasheet HTML 11Page - Diodes Incorporated AP1509 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP1509
Document number: DS31016 Rev. 6 - 2
10 of 12
www.diodes.com
February 2020
© Diodes Incorporated
AP1509
Ordering Information
Device
Voltage
(V)
Package
Code
Package
(Note 5)
Lead
Free/Green
Quantity
Part Number Suffix
Status
(Note 4)
Tube
13” Tape
and Reel
AP1509-12SG-13
12
S
SO-8
Green
2500
NA
-13
End of Life
AP1509-33SG-13
3.3
S
SO-8
Green
2500
NA
-13
NRND
AP1509-50SG-13
5.0
S
SO-8
Green
2500
NA
-13
Active
AP1509-SG-13
ADJ
S
SO-8
Green
2500
NA
-13
NRND
Notes:
4.
AP1509-50SG-13 is Active. All other versions are NRND or EOL. For recommended alternatives to NRND/EOL devices, Contact Us.
5.
For packaging details, go to our website at:
https://www.diodes.com/design/support/packaging/diodes-packaging/diodes-package-outlines-and-pad-layouts/
Marking Information
(1) SO-8
( Top View )
1509-XX
YYWW X X
Logo
Part No.
5
8
4
1
G : Green
L : Lead Free
Output Type :
Blank : Adjustable
1509-33 : 3.3V
1509-50 : 5.0V
1509-12 : 12V
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
X : Internal Code
represents 52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com