Electronic Components Datasheet Search
  English  ▼

X  

AP1509 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1509
Description  150kHz, 2A PWM BUCK DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1509 Datasheet HTML 4Page - Diodes Incorporated AP1509 Datasheet HTML 5Page - Diodes Incorporated AP1509 Datasheet HTML 6Page - Diodes Incorporated AP1509 Datasheet HTML 7Page - Diodes Incorporated AP1509 Datasheet HTML 8Page - Diodes Incorporated AP1509 Datasheet HTML 9Page - Diodes Incorporated AP1509 Datasheet HTML 10Page - Diodes Incorporated AP1509 Datasheet HTML 11Page - Diodes Incorporated AP1509 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP1509
Document number: DS31016 Rev. 6 - 2
9 of 12
www.diodes.com
February 2020
© Diodes Incorporated
AP1509
Functions Description
Pin Functions
+VIN
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be presented at this pin to minimize voltage
transients and to supply the switching currents required by the regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches between (+VIN - VSAT) and approximately -0.5V with a duty cycle of approximately VOUT/VIN. To
minimize coupling to sensitive circuitry, the PCB copper area connected to this pin should be minimized.
Feedback
This pin senses the regulated output voltage to complete the feedback loop.
SD
Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply current to approximately 150µA.
Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above 1.3V (up to a maximum of 18V)
shuts the regulator down. If this shutdown feature is not required, the SD pin can be wired to the ground pin.
Thermal Considerations
The SO-8 package requires a heat sink under most conditions. The size of the heat sink depends on the input voltage, the output voltage, the load
current, and the ambient temperature. The AP1509 junction temperature rises above ambient temperature for a 2A load and different input and
output voltages. The data for these curves was taken with the AP1509 (SO-8 package) operating as a buck-switching regulator in an ambient
temperature of 25°C (still air). These temperature increments are all approximate and are affected by many factors. Higher ambient temperatures
require more heat sinker.
For the best thermal performance, wide copper traces and generous amounts of PCB copper should be used in the board layout; one exception is
the output (switch) pin, which should not have large areas of copper. Large areas of copper provide the best transfer of heat (lower thermal
resistance) to the surrounding air and moving air lowers the thermal resistance even further.
Package thermal resistance and junction temperature increments are all approximate. The increments are affected by a lot of factors. Some of
these factors include board size, shape, thickness, position, location, and even board temperature. Other factors are, trace width, total printed
circuit copper area, copper thickness, single or double-sided, multi-layer board, and the amount of solder on the board.
The effectiveness of the PCB to dissipate heat also depends on the size, quantity, and spacing of other components on the board, as well as
whether the surrounding air is still or moving. Furthermore, some of these components, such as the catch diode, add heat to the PCB, and the
heat can vary as the input voltage changes. For the inductor, depending on the physical size, type of core material, and the DC resistance, it could
either act as a heat sink taking heat away from the board, or it could add heat to the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com