Electronic Components Datasheet Search
  English  ▼

X  

AP1509 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1509
Description  150kHz, 2A PWM BUCK DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1509 Datasheet HTML 1Page - Diodes Incorporated AP1509 Datasheet HTML 2Page - Diodes Incorporated AP1509 Datasheet HTML 3Page - Diodes Incorporated AP1509 Datasheet HTML 4Page - Diodes Incorporated AP1509 Datasheet HTML 5Page - Diodes Incorporated AP1509 Datasheet HTML 6Page - Diodes Incorporated AP1509 Datasheet HTML 7Page - Diodes Incorporated AP1509 Datasheet HTML 8Page - Diodes Incorporated AP1509 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1509
Document number: DS31016 Rev. 6 - 2
1 of 12
www.diodes.com
February 2020
© Diodes Incorporated
AP1509
150kHz, 2A PWM BUCK DC-DC CONVERTER
Description
The AP1509 series are monolithic ICs designed for a step-down
DC-DC converter and have the ability of driving a 2A load without an
additional transistor, which saves board space.
The external shutdown function can be controlled by logic level and
then go into standby mode. The internal compensation makes
feedback control have good line and load regulation without external
design. Regarding protected function, thermal shutdown prevents
overtemperature operating from damage, and current limit works
against overcurrent operating of the output switch. If current limit
function occurs, and VFB is below 0.5V, the switching frequency is
reduced. The AP1509 series operates at a switching frequency of
150kHz thus allowing smaller-sized filter components than what is
required with lower frequency switching regulators.
Other features include a guaranteed +4% tolerance on output voltage
under specified input voltage and output load conditions, and +15%
on the oscillator frequency. The output version included fixed 3.3V,
5V, 12V, and an adjustable type. The chips are available in a
standard 8-lead SO-8 package.
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
VIN
GND
FB
AP1509
GND
Output
GND
GND
SD
SOP-8L
Features
•
Output Voltage: 3.3V, 5V, 12V, and Adjustable Output Version
•
Adjustable Version Output Voltage Range of 1.23V to 18V+4%
•
150kHz +15% Fixed Switching Frequency
•
Voltage Mode Non-Synchronous PWM Control
•
Thermal-Shutdown and Current-Limit Protection
•
ON/OFF Shutdown Control Input
•
Operating Voltage up to 22V
•
Output Load Current: 2A
•
Low Power Standby Mode
•
Built-in Switching Transistor On Chip
•
Totally Lead-Free & Fully RoHS Compliant (Note 1 & 2)
•
Halogen and Antimony Free.
“Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Applications
•
Simple High-Efficiency Step-Down Regulator
•
On-Card Switching Regulators
•
Positive to Negative Converter
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green
” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP1509

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
AP1509 DIODES-AP1509 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
Tiger Electronic Co.,Lt...
AP1509 TGS-AP1509 Datasheet
3Mb / 6P
150KHz 2A PWM Buck DC/DC
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
More results

Similar Description - AP1509

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com