Electronic Components Datasheet Search
  English  ▼

X  

AS1152 Datasheet(PDF) 8 Page - ams AG

Part # AS1152
Description  Quad LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1152 Datasheet(HTML) 8 Page - ams AG

Back Button AS1152 Datasheet HTML 4Page - ams AG AS1152 Datasheet HTML 5Page - ams AG AS1152 Datasheet HTML 6Page - ams AG AS1152 Datasheet HTML 7Page - ams AG AS1152 Datasheet HTML 8Page - ams AG AS1152 Datasheet HTML 9Page - ams AG AS1152 Datasheet HTML 10Page - ams AG AS1152 Datasheet HTML 11Page - ams AG AS1152 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 15
AS1152
austriamicrosystems
Data Sheet
Pin Assignments
7 Pinout and Packaging
Pin Assignments
Figure 16. AS1152 Pin Assignments (Top View)
Pin Descriptions
Table 4. AS1152 Pin Descriptions
Pin Number
Pin Name
Description
1EN
Driver Enable Input. Internally pulled down to GND.
When EN = high and ENn = low or open, the driver outputs are active. For other
combinations of EN and ENn, the outputs are disabled and in high impedance.
2IN1
LVTTL/LVCMOS Driver Input
3IN2
LVTTL/LVCMOS Driver Input
4VCC
Power Supply Input. Bypass VCC to GND with 0.1µF and 0.001µF ceramic
capacitors.
5GND
Ground
6IN3
LVTTL/LVCMOS Driver Input
7IN4
LVTTL/LVCMOS Driver Input
8ENn
Driver Enable Input. Internally pulled down to GND.
When EN = high and ENn = low or open, the driver outputs are active. For other
combinations of EN and ENn, the outputs are disabled and in high impedance.
9OUT4-
Inverting LVDS Driver Output
10
OUT4+
Noninverting LVDS Driver Output
11
OUT3+
Noninverting LVDS Driver Output
12
OUT3-
Inverting LVDS Driver Output
13
OUT2-
Inverting LVDS Driver Output
14
OUT2+
Noninverting LVDS Driver Output
15
OUT1+
Noninverting LVDS Driver Output
16
OUT1-
Inverting LVDS Driver Output
OUT1-
OUT1+
OUT2+
OUT2-
OUT3-
OUT3+
OUT4+
OUT4-
EN
IN1
IN2
VCC
GND
IN3
IN4
ENn
AS1152
TSSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com