Electronic Components Datasheet Search
  English  ▼

X  

AS1152 Datasheet(PDF) 10 Page - ams AG

Part # AS1152
Description  Quad LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1152 Datasheet(HTML) 10 Page - ams AG

Back Button AS1152 Datasheet HTML 6Page - ams AG AS1152 Datasheet HTML 7Page - ams AG AS1152 Datasheet HTML 8Page - ams AG AS1152 Datasheet HTML 9Page - ams AG AS1152 Datasheet HTML 10Page - ams AG AS1152 Datasheet HTML 11Page - ams AG AS1152 Datasheet HTML 12Page - ams AG AS1152 Datasheet HTML 13Page - ams AG AS1152 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
10 - 15
AS1152
austriamicrosystems
Data Sheet
Power-Supply Bypassing
9 Applications
Figure 17. Typical Application Circuit
Power-Supply Bypassing
To bypass VCC, use high-frequency surface-mount ceramic 0.1µF and 0.001µF capacitors in parallel as close to the
device as possible, with the smaller valued capacitor closest to pin VCC.
Differential Traces
Input trace characteristics can adversely affect the performance of the AS1152.
!
Use controlled-impedance PC board traces to match the cable characteristic impedance. The termination resistor is
also matched to this characteristic impedance.
!
Eliminate reflections and ensure that noise couples as common mode by running the differential traces near each
other.
!
Reduce skew by using matched trace lengths. Tight skew control is required to minimize emissions and proper data
recovery of the devices.
!
Route each channel’s differential signals very close to each other for optimal cancellation of their respective exter-
nal magnetic fields. Use a constant distance between the differential traces to avoid irregularities in differential
impedance.
!
Avoid 90° turns (use two 45° turns).
!
Minimize the number of vias to further prevent impedance irregularities.
Table 5. Function Table
Enable Pins
Input
Output
EN
ENn
INx+
INx-
OUTx
H
L or Open
L
L
H
H
L or Open
HH
L
Other Combinations of Enable Pin Settings
Don’t Care
Z
Z
LVDS
Signals
107
Ω
107
Ω
107
Ω
107
Ω
LVTTL/LVCMOS
Data Inputs
LVTTL/LVCMOS
Data Outputs
100
Ω Shielded Twisted Cable or Microstrip PC Board Traces
Tx
Tx
Tx
Tx
Rx
Rx
Rx
Rx
AS1151
Quad LVDS Receiver
AS1152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com