Electronic Components Datasheet Search
  English  ▼

X  

AS1152 Datasheet(PDF) 12 Page - ams AG

Part # AS1152
Description  Quad LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1152 Datasheet(HTML) 12 Page - ams AG

Back Button AS1152 Datasheet HTML 7Page - ams AG AS1152 Datasheet HTML 8Page - ams AG AS1152 Datasheet HTML 9Page - ams AG AS1152 Datasheet HTML 10Page - ams AG AS1152 Datasheet HTML 11Page - ams AG AS1152 Datasheet HTML 12Page - ams AG AS1152 Datasheet HTML 13Page - ams AG AS1152 Datasheet HTML 14Page - ams AG AS1152 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
12 - 15
AS1152
austriamicrosystems
Data Sheet
Figure 20. Driver VOD and VOS Test Circuit
Figure 21. Driver High Impedance Delay Waveforms
Figure 22. Driver High-Impedance Delay Test Circuit
VOS
VOD
OUTx+
OUTx-
RL/2
RL/2
VCC
GND
INx
1.5V
EN when ENn = 0 or Open
ENn when EN = VCC
1.5V
1.5V
1.5V
50%
50%
3V
0
VOL
VOH
1.2V
tPZL
tPLZ
OUTx+ When INx = VCC
OUTx- When INx = 0
0
3V
tPZH
tPHZ
50%
50%
1.2V
OUTx+ When INx = 0
OUTx- When INx = VCC
VCC
Generator
50
Ω
RL/2
ENn
EN
GND
INx
OUTx+
OUTx-
RL/2
+1.2V
1/4 AS1152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com