Electronic Components Datasheet Search
  English  ▼

X  

AS1152 Datasheet(PDF) 6 Page - ams AG

Part # AS1152
Description  Quad LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1152 Datasheet(HTML) 6 Page - ams AG

Back Button AS1152 Datasheet HTML 2Page - ams AG AS1152 Datasheet HTML 3Page - ams AG AS1152 Datasheet HTML 4Page - ams AG AS1152 Datasheet HTML 5Page - ams AG AS1152 Datasheet HTML 6Page - ams AG AS1152 Datasheet HTML 7Page - ams AG AS1152 Datasheet HTML 8Page - ams AG AS1152 Datasheet HTML 9Page - ams AG AS1152 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
6 - 15
AS1152
austriamicrosystems
Data Sheet
Switching Characteristics
Figure 8. Offset Voltage vs. VCC
Figure 9. Power Supply Current vs. Frequency;
VIN = 0 to 3V
Figure 10. ICC vs. VCC; Freq = 1MHz
Figure 11. ICC vs. Temperature; Freq = 1MHz
Figure 12. Differential Propagation Delay vs. VCC;
Figure 13. Differential Propagation Delay vs.
Freq = 1MHz
Temperature; Freq = 1MHz
1.24
1.241
1.242
1.243
1.244
3
3.1
3.2
3.3
3.4
3.5
3.6
Power-Supply Voltage (V)
10
20
30
40
50
60
0.1
1
10
100
1000
Frequency (MHz)
All Channels
One Channels
18
18.25
18.5
18.75
19
19.25
19.5
3
3.1
3.2
3.3
3.4
3.5
3.6
Power-Supply Voltage (V)
17
18
19
20
21
22
-50
-30
-10
10
30507090
Temperature(°C)
1.1
1.2
1.3
1.4
1.5
1.6
3
3.1
3.2
3.3
3.4
3.5
3.6
Power-Supply Voltage (V)
1.1
1.2
1.3
1.4
1.5
1.6
-50
-30
-10
103050
7090
Temperature (°C)
tPHLD
tPLHD
tPHLD
tPLHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com