Electronic Components Datasheet Search
  English  ▼

X  

SHT4X Datasheet(PDF) 8 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 8 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 4Page - Sensirion AG Switzerland SHT4X Datasheet HTML 5Page - Sensirion AG Switzerland SHT4X Datasheet HTML 6Page - Sensirion AG Switzerland SHT4X Datasheet HTML 7Page - Sensirion AG Switzerland SHT4X Datasheet HTML 8Page - Sensirion AG Switzerland SHT4X Datasheet HTML 9Page - Sensirion AG Switzerland SHT4X Datasheet HTML 10Page - Sensirion AG Switzerland SHT4X Datasheet HTML 11Page - Sensirion AG Switzerland SHT4X Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.sensirion.com / D1
Version 4
– November 2022
8/22
2.4 ISO17025 certification with 3-point calibration data
All SHT43 can be uniquely identified by their serial number (read out command see paragraph 4.7).
For each sensor an individual 3-point calibration is performed, accredited to ISO/IEC 17025:2017.
The accreditation is performed and granted by the Swiss Accreditation Service (SAS), a public
institution of the Swiss Government. The accreditation is documented on the SAS website under
the name SCS 0158 and can be downloaded from this link11. The three calibration temperatures
are T =
−30 °C, T = 5 °C, and T = 70 °C. Measurement uncertainties and decision rules according
to the SAS are given in Table 3.
Metrological traceability of the calibration is in accordance to ch. 6.5 of ISO/IEC 17025:2017,
encompassing but not limited to NIST traceability or traceability to other national metrology
institutes, according to the CIPM Mutual Recognition Arrangement (CIPM MRA).
Reel-wise calibration certificates and data for each SHT43 can be downloaded from
libellus.sensirion.com. This allows for efficient processing by automated systems.
Temperature
Expanded measurement uncertainty (k=2)*
Decision rule
−30 °C
0.40 °C
Shared risk (JCGM 106:2010, 8.2)
5 °C
0.20 °C
Shared risk (JCGM 106:2010, 8.2)
70 °C
0.20 °C
Shared risk (JCGM 106:2010, 8.2)
Table 3. Measurement uncertainty and decision rule for the accredited calibration according to Swiss
Accreditation Service (SAS). *Measurement uncertainties represent a confidence level of 95% using a
coverage factor of k = 2.
11
https://www.sas.admin.ch/sas/en/home/akkreditiertestellen/akkrstellensuchesas.exturl.html/aHR0cHM6Ly9zYXNkYi5jbGllbnRzLmxpaXAuY2gvc2VhcmNoLm/h0bWw=.html?csrfmiddlew
aretoken=2Ie2f1aOTUge9YQ3nuaL0ILEYS980ZMdH60doLdY8Nh1sHC3wpw3YvLLVBezmDRn&lang=en&search_term=0158&accreditation_type=2&submit=Start+search



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com